Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-R68MS Datasheet(PDF) 38 Page - International Rectifier

Part # PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Datasheet(HTML) 38 Page - International Rectifier

Back Button PCMB065T-R68MS Datasheet HTML 34Page - International Rectifier PCMB065T-R68MS Datasheet HTML 35Page - International Rectifier PCMB065T-R68MS Datasheet HTML 36Page - International Rectifier PCMB065T-R68MS Datasheet HTML 37Page - International Rectifier PCMB065T-R68MS Datasheet HTML 38Page - International Rectifier PCMB065T-R68MS Datasheet HTML 39Page - International Rectifier PCMB065T-R68MS Datasheet HTML 40Page - International Rectifier PCMB065T-R68MS Datasheet HTML 41Page - International Rectifier PCMB065T-R68MS Datasheet HTML 42Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
- 38 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
38
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
TYPICAL OPERATING WAVEFORMS
Vin = 12V, Vo = 1.2V, Iout = 0-6A Room Temperature, No Air Flow
Figure 38: Turn on at no load showing Vcc level
Figure 39: Turn on at full load showing Vcc level
Ch1:Vin, Ch2:Vo, Ch3:Vcc, Ch4:Inductor current
Ch1:Vin, Ch2:Vo, Ch3:Vcc, Ch4:Inductor current
Figure 40: Transient Response, 3 to 6A step at 2.5A/uSec slew rate
Ch2:Vo, Ch4:Iout(2A/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com