Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-R68MS Datasheet(PDF) 28 Page - International Rectifier

Part # PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Datasheet(HTML) 28 Page - International Rectifier

Back Button PCMB065T-R68MS Datasheet HTML 24Page - International Rectifier PCMB065T-R68MS Datasheet HTML 25Page - International Rectifier PCMB065T-R68MS Datasheet HTML 26Page - International Rectifier PCMB065T-R68MS Datasheet HTML 27Page - International Rectifier PCMB065T-R68MS Datasheet HTML 28Page - International Rectifier PCMB065T-R68MS Datasheet HTML 29Page - International Rectifier PCMB065T-R68MS Datasheet HTML 30Page - International Rectifier PCMB065T-R68MS Datasheet HTML 31Page - International Rectifier PCMB065T-R68MS Datasheet HTML 32Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
- 28 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
28
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
5
6
1
(9)
o
ref
R
VV
R

 



When an external resistor divider is connected to the
output as shown in Fig. 23.
65
(10)
ref
o
ref
V
R
R
VV





For the calculated values of R5 and R6, see feedback
compensation section.
IR3898
Fb
Vout
R5
R6
Figure 23: Typical application of the IR3898
for programming the output voltage
Bootstrap Capacitor Selection
To drive the Control FET, it is necessary to supply a gate
voltage at least 4V greater than the voltage at the SW
pin, which is connected to the source of the Control FET.
This is achieved by using a bootstrap configuration,
which comprises the internal bootstrap diode and an
external bootstrap capacitor (C1). The operation of the
circuit is as follows: When the sync FET is turned on, the
capacitor node connected to SW is pulled down to
ground. The capacitor charges towards Vcc through the
internal bootstrap diode (Fig.24), which has a forward
voltage drop VD. The voltage Vc across the bootstrap
capacitor C1 is approximately given as:
(11)
c
cc
D
V
V
V
 
When the control FET turns on in the next cycle, the
capacitor node connected to SW rises to the bus voltage
Vin. However, if the value of C1 is appropriately chosen,
the voltage Vc across C1 remains approximately
unchanged and the voltage at the Boot pin becomes:
(12)
Boot
in
cc
D
V
V
V
V
 
L
IR3898
Vc
C1
VIN
Vcc
SW
+
-
Boot
PGnd
+ VD -
Cvin
Figure 24: Bootstrap circuit to generate Vc voltage
A bootstrap capacitor of value 0.1uF is suitable for most
applications.
Input Capacitor Selection
The ripple current generated during the on time of the
control FET should be provided by the input capacitor. The
RMS value of this ripple is expressed by:
(1
)
(13)
RMS
o
I
I
D
D
 
 

(14)
o
in
V
D
V

Where:
D is the Duty Cycle
IRMS is the RMS value of the input capacitor current.
Io is the output current.
For Io=6A and D = 0.1, the IRMS = 1.8A.
Ceramic capacitors are recommended due to their peak
current capabilities. They also feature low ESR and ESL at
higher frequency which enables better efficiency.
For this application, it is advisable to have 3x10uF, 25V
ceramic capacitors, C3216X5R1E106M from TDK. In addition
to these, although not mandatory, a 1x330uF, 25V SMD
capacitor EEV-FK1E331P from Panasonic may also be used as
a bulk capacitor and is recommended if the input power
supply is not located close to the converter.
Inductor Selection
The inductor is selected based on output power, operating
frequency and efficiency requirements. A low inductor value
causes large ripple current, resulting in the smaller size, faster
response to a load transient but poor efficiency and high
output noise. Generally, the selection of the inductor value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com