Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-R68MS Datasheet(PDF) 27 Page - International Rectifier

Part # PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Datasheet(HTML) 27 Page - International Rectifier

Back Button PCMB065T-R68MS Datasheet HTML 23Page - International Rectifier PCMB065T-R68MS Datasheet HTML 24Page - International Rectifier PCMB065T-R68MS Datasheet HTML 25Page - International Rectifier PCMB065T-R68MS Datasheet HTML 26Page - International Rectifier PCMB065T-R68MS Datasheet HTML 27Page - International Rectifier PCMB065T-R68MS Datasheet HTML 28Page - International Rectifier PCMB065T-R68MS Datasheet HTML 29Page - International Rectifier PCMB065T-R68MS Datasheet HTML 30Page - International Rectifier PCMB065T-R68MS Datasheet HTML 31Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
- 27 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
27
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
MAXIMUM DUTY RATIO
A certain off-time is specified for IR3898. This provides
an upper limit on the operating duty ratio at any given
switching frequency. The off-time remains at a relatively
fixed ratio to switching period in low and mid frequency
range, while in high frequency range this ratio increases,
thus the lower the maximum duty ratio at which IR3898
can operate. Figure 21 shows a plot of the maximum
duty ratio vs. the switching frequency with built in input
voltage feed forward mechanism.
Figure 21: Maximum duty cycle vs. switching frequency.
DESIGN EXAMPLE
The following example is a typical application for IR3898. The
application circuit is shown in Fig.28.
=
=12 V (
10%)
=1 2 V
= 6 A
Ripple Voltage= 1% *
5% *
50%
=600 kHz
in
o
o
o
oo
s
V
V.
I
V
ΔV
V
load transient
F
( for
)
Enabling the IR3898
As explained earlier, the precise threshold of the Enable lends
itself well to implementation of a UVLO for the Bus Voltage as
shown in Fig. 22.
IR3898
Enable
Vin
R1
R2
Figure 22: Using Enable pin for UVLO implementation
For a typical Enable threshold of VEN = 1.2 V
2
(min)
12
*
1.2
(7)
in
EN
R
V
V
RR

21
min
(8)
EN
in(
)
EN
V
RR
VV

For Vin (min)=9.2V, R1=49.9K and R2=7.5K ohm is a good choice.
Programming the frequency
For Fs = 600 kHz, select Rt = 39.2 KΩ, using Table 1.
Output Voltage Programming
Output voltage is programmed by reference voltage and
external voltage divider. The Fb pin is the inverting input of
the error amplifier, which is internally referenced to 0.5V.
The divider ratio is set to provide 0.5V at the Fb pin when the
output is at its desired value. The output voltage is defined by
using the following equation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com