Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-R68MS Datasheet(PDF) 5 Page - International Rectifier

Part # PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Datasheet(HTML) 5 Page - International Rectifier

  PCMB065T-R68MS Datasheet HTML 1Page - International Rectifier PCMB065T-R68MS Datasheet HTML 2Page - International Rectifier PCMB065T-R68MS Datasheet HTML 3Page - International Rectifier PCMB065T-R68MS Datasheet HTML 4Page - International Rectifier PCMB065T-R68MS Datasheet HTML 5Page - International Rectifier PCMB065T-R68MS Datasheet HTML 6Page - International Rectifier PCMB065T-R68MS Datasheet HTML 7Page - International Rectifier PCMB065T-R68MS Datasheet HTML 8Page - International Rectifier PCMB065T-R68MS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
- 5 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
5
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications are not implied.
PVin, Vin
-0.3V to 25V
Vcc/LDO_Out
-0.3V to 8V (Note 2)
Boot
-0.3V to 33V
SW
-0.3V to 25V (DC), -4V to 25V (AC, 100ns)
Boot to SW
-0.3V to VCC + 0.3V (Note 1)
S_Ctrl, PGood
-0.3V to VCC + 0.3V (Note 1)
Other Input/Output Pins
-0.3V to +3.9V
PGnd to Gnd
-0.3V to +0.3V
Storage Temperature Range
-55°C to 150°C
Junction Temperature Range
-40°C to 150°C (Note 2)
ESD Classification (HBM JESD22-A114)
2kV
Moisture Sensitivity Level
JEDEC Level 2@260°C
Note 1: Must not exceed 8V
Note 2: Vcc must not exceed 7.5V for Junction Temperature between -10°C and -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com