Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-R68MS Datasheet(PDF) 36 Page - International Rectifier

Part # PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Datasheet(HTML) 36 Page - International Rectifier

Back Button PCMB065T-R68MS Datasheet HTML 32Page - International Rectifier PCMB065T-R68MS Datasheet HTML 33Page - International Rectifier PCMB065T-R68MS Datasheet HTML 34Page - International Rectifier PCMB065T-R68MS Datasheet HTML 35Page - International Rectifier PCMB065T-R68MS Datasheet HTML 36Page - International Rectifier PCMB065T-R68MS Datasheet HTML 37Page - International Rectifier PCMB065T-R68MS Datasheet HTML 38Page - International Rectifier PCMB065T-R68MS Datasheet HTML 39Page - International Rectifier PCMB065T-R68MS Datasheet HTML 40Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
- 36 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
36
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
Vo=0.6V
Boot
Vcc/LDO_out
Fb
Comp
Gnd
PGnd
SW
S_Ctrl
PGood
PGood
Enable
Rt/Sync
Vin=12 V
Vin
Vp
R5
3.32k
Co=6X22uF
Lo
680nH
C4
2.2nF
R4
100
R3
1k
C3
15nF
C2
220pF
C1
0. 1 uF
Cin = 3 X 10uF
Rt
60.4 K
RPG
49.9k
IR 3898
2.2uF
CVcc
PVin
Vref
Vsns
R7
3.32k
Cvin
1.0uF
U1
C5
0.1uF
C6
0.1uF
1k
1k
R6
VDDQ=1.2V
R8
10nF
C7
N/S
(optional)
Enable
Figure 30: Application Circuit for a 12V input, 0.6V output, VTT Rail
Boot
Vcc/LDO_out
Fb
Comp
Gnd
PGnd
SW
S_Ctrl
Vo=0.6V
PGood
PGood
Enable
Rt/Sync
Vin=1.2V
Vin
Vp
R5
4.99k
Co=6X22uF
Lo
0.35uH
C4
2.2nF
R4
158
R3
5.76k
C3
3.9nF
C2
91pF
C1
0. 1 uF
Cin = 3 X 22uF
Rt
39.2 K
R
PG
49.9k
IR 3898
2.2uF
CVcc
PVin
Vref
Vsns
R7
4.99k
U1
C5
0.1uF
C6
0.1uF
1k
1k
R6
R8
10nF
C7
Ext VCC
Enable
Vin=1.2V
N/S
(optional)
Figure 31: Application Circuit for a 1.2V input, 0.6V output, VTT Rail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com