Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-R68MS Datasheet(PDF) 45 Page - International Rectifier

Part # PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Datasheet(HTML) 45 Page - International Rectifier

Back Button PCMB065T-R68MS Datasheet HTML 38Page - International Rectifier PCMB065T-R68MS Datasheet HTML 39Page - International Rectifier PCMB065T-R68MS Datasheet HTML 40Page - International Rectifier PCMB065T-R68MS Datasheet HTML 41Page - International Rectifier PCMB065T-R68MS Datasheet HTML 42Page - International Rectifier PCMB065T-R68MS Datasheet HTML 43Page - International Rectifier PCMB065T-R68MS Datasheet HTML 44Page - International Rectifier PCMB065T-R68MS Datasheet HTML 45Page - International Rectifier PCMB065T-R68MS Datasheet HTML 46Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
- 45 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
45
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
STENCIL DESIGN
 Stencils for PQFN can be used with thicknesses
of 0.100-0.250mm (0.004-0.010"). Stencils thinner
than 0.100mm are unsuitable because they
deposit insufficient solder paste to make good
solder joints with the ground pad; high reductions
sometimes create similar problems. Stencils in
the range of 0.125mm-0.200mm (0.005-0.008"),
with suitable reductions, give the best results.
 Evaluations have shown that the best overall
performance is achieved using the stencil design
shown in following figure. This design is for
a stencil thickness of 0.127mm (0.005").
The reduction should be adjusted for stencils
of other thicknesses.
Figure 52: Stencil Pad Spacing (all dimensions in mm)
* Contact International Rectifier to receive an electronic PCB Library file in your preferred format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com