Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-R68MS Datasheet(PDF) 6 Page - International Rectifier

Part # PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Datasheet(HTML) 6 Page - International Rectifier

Back Button PCMB065T-R68MS Datasheet HTML 2Page - International Rectifier PCMB065T-R68MS Datasheet HTML 3Page - International Rectifier PCMB065T-R68MS Datasheet HTML 4Page - International Rectifier PCMB065T-R68MS Datasheet HTML 5Page - International Rectifier PCMB065T-R68MS Datasheet HTML 6Page - International Rectifier PCMB065T-R68MS Datasheet HTML 7Page - International Rectifier PCMB065T-R68MS Datasheet HTML 8Page - International Rectifier PCMB065T-R68MS Datasheet HTML 9Page - International Rectifier PCMB065T-R68MS Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
- 6 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
6
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
ELECTRICAL SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS FOR RELIABLE OPERATION WITH MARGIN
SYMBOL
MIN
MAX
UNITS
Input Voltage Range*
PVin
1.0
21
V
Input Voltage Range**
Vin
5
21
Supply Voltage Range***
VCC
4.5
7.5
Supply Voltage Range
Boot to SW
4.5
7.5
Output Voltage Range
VO
0.5
0.86xVin
Output Current Range
IO
0
±6
A
Switching Frequency
FS
300
1500
kHz
Operating Junction Temperature
TJ
-40
125
°C
*Maximum SW node voltage should not exceed 25V.
** For internally biased single rail operation. When Vin drops below 6.8V, the internal LDO enters dropout. Please refer to Smart LDO
section and Over Current Protection for detailed application information.
***Vcc/LDO_Out can be connected to an external regulated supply. If so, the Vin pin should be connected to Vcc/LDO_Out pin.
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply over, 6.8V < Vin = PVin < 21V, Vref = 0.5V in 0°C < TJ < 125°C.
Typical values are specified at Ta = 25°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Stage
Power Losses
PLOSS
Vin = 12V, VO = 1.2V, IO = 6A,
Fs = 600kHz, L = 1uH,
Vcc = 6.4V, Note 4
0.85
W
Top Switch
Rds(on)_Top
VBoot-Vsw= 6.4V,IO= 6A,Tj=25°C
17.5
22.5
mΩ
Bottom Switch
Rds(on)_Bot
Vcc = 6.4V, IO = 6A, Tj=25°C
11.4
14.8
Bootstrap Diode Forward Voltage
I(Boot) = 10mA
180
260
470
mV
SW Leakage Current
ISW
SW = 0V, Enable = 0V
1
µA
SW = 0V, Enable = high,
Vp = 0V
Dead Band Time
Tdb
Note 4
5
10
30
ns
Supply Current
VIN Supply Current (standby)
Iin(Standby)
EN = Low, No Switching
100
µA
VIN Supply Current (dynamic)
Iin(Dyn)
EN = High, Fs = 600kHz,
Vin = PVin = 21V
11
15
mA
Vcc/ LDO_Out
Output Voltage
Vcc
Vin(min) = 6.8V, Icc = 0-30mA,
Cload = 2.2uF, DCM = 0
6.0
6.4
6.7
V
Vin(min) = 6.8V, Icc = 0-30mA,
Cload = 2.2uF, DCM = 1
4.0
4.4
4.8
LDO dropout Voltage
Vcc_drop
Icc=30mA,Cload=2.2uF
0.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com