Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-R68MS Datasheet(PDF) 29 Page - International Rectifier

Part # PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Datasheet(HTML) 29 Page - International Rectifier

Back Button PCMB065T-R68MS Datasheet HTML 25Page - International Rectifier PCMB065T-R68MS Datasheet HTML 26Page - International Rectifier PCMB065T-R68MS Datasheet HTML 27Page - International Rectifier PCMB065T-R68MS Datasheet HTML 28Page - International Rectifier PCMB065T-R68MS Datasheet HTML 29Page - International Rectifier PCMB065T-R68MS Datasheet HTML 30Page - International Rectifier PCMB065T-R68MS Datasheet HTML 31Page - International Rectifier PCMB065T-R68MS Datasheet HTML 32Page - International Rectifier PCMB065T-R68MS Datasheet HTML 33Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
- 29 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
29
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
can be reduced to the desired maximum ripple current
in the inductor (Δi). The optimum point is usually found
between 20% and 50% ripple of the output current.
For the buck converter, the inductor value for the
desired operating ripple current can be determined
using the following relation:
1
;
(15)
*
in
o
s
o
in
o
in
s
i
V
V
L
t
D
tF
V
L
V
V
V
i F
 
  


Where:
Vin = Maximum input voltage
V0 = Output Voltage
Δi = Inductor Peak-to-Peak Ripple Current
Fs = Switching Frequency
Δt = On time
D = Duty Cycle
If Δi ≈ 30%*Io, then the output inductor is calculated to
be 1.0μH. Select L=1.0μH, SPM6550T-1R0M, from TDK
which provides a compact, low profile inductor suitable
for this application.
Output Capacitor Selection
The voltage ripple and transient requirements
determine the output capacitors type and values.
The criteria is normally based on the value of the
Effective Series Resistance (ESR). However the actual
capacitance value and the Equivalent Series Inductance
(ESL) are other contributing components.
These components can be described as:
(
)
(
)
( )
()
()
()
*
*
(16)
8*
*
o
o ESR
o ESL
o C
o ESR
L
in
o
o ESL
L
oC
os
V
V
V
V
V
I
ESR
VV
V
ESL
L
I
V
CF
  
 
 
 

 



Where:
ΔV0 = Output Voltage Ripple
ΔIL = Inductor Ripple Current
Since the output capacitor has a major role in the overall
performance of the converter and determines the result of
transient response, selection of the capacitor is critical. The
IR3898 can perform well with
all types of capacitors.
As a rule, the capacitor must have low enough ESR to meet
output ripple and load transient requirements.
The goal for this design is to meet the voltage ripple
requirement in the smallest possible capacitor size. Therefore
it is advisable to select ceramic capacitors
due to their low ESR and ESL and small size. Four of TDK
C2012X5R0J226M (22uF/0805/X5R/6.3V) capacitors is
a good choice.
It is also recommended to use a 0.1µF ceramic capacitor at
the output for high frequency filtering.
Feedback Compensation
The IR3898 is a voltage mode controller. The control loop
is a single voltage feedback path including an error amplifier
and a comparator. To achieve fast transient response
and accurate output regulation, a compensation circuit is
necessary. The goal of the compensation network is to close
the control loop at high crossover frequency with phase
margin greater than 45
o.
The output LC filter introduces a double pole, -40dB/decade
gain slope above its corner resonant frequency, and a total
phase lag of 180
o. The resonant frequency of the LC filter is
expressed as follows:
1
(17)
2
LC
oo
F
LC


Figure 25 shows gain and phase of the LC filter. Since we
already have 180
o phase shift from the output filter alone,
the system runs the risk of being unstable.
Phase
00
F
LC
0
Frequency
F
LC
Frequency
00
-180
0
0dB
-40dB/Decade
-90
Gain
Figure 25: Gain and Phase of LC filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com