Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-R68MS Datasheet(PDF) 32 Page - International Rectifier

Part # PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Datasheet(HTML) 32 Page - International Rectifier

Back Button PCMB065T-R68MS Datasheet HTML 28Page - International Rectifier PCMB065T-R68MS Datasheet HTML 29Page - International Rectifier PCMB065T-R68MS Datasheet HTML 30Page - International Rectifier PCMB065T-R68MS Datasheet HTML 31Page - International Rectifier PCMB065T-R68MS Datasheet HTML 32Page - International Rectifier PCMB065T-R68MS Datasheet HTML 33Page - International Rectifier PCMB065T-R68MS Datasheet HTML 34Page - International Rectifier PCMB065T-R68MS Datasheet HTML 35Page - International Rectifier PCMB065T-R68MS Datasheet HTML 36Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
- 32 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
32
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
value may be obtained from the manufacturer’s
datasheets, design tools or SPICE models. Alternatively,
they may also be inferred from measuring the power
stage transfer function of the converter and measuring
the double pole frequency FLC and using equation (17)
to compute the small signal Co.
These result in:
FLC=25.2 kHz
FESR=5.3 MHz
Fs/2=300 kHz
Select crossover frequency F0=120 kHz
Since FLC<F0<Fs/2<FESR, Type III is selected to place the
pole and zeros.
Detailed calculation of compensation Type III:
Desired Phase Boost Θ = 70°
2
1 sin
21.2 kHz
1 sin
Zo
FF



2
1 sin
680.6 kHz
1 sin
Po
FF



Select:
12
0.5*
10.6 kHz and
ZZ
FF

3
0.5*
300 kHz
Ps
FF

Select C4 = 2.2nF.
Calculate R3, C3 and C2:
33
4
2 *
*
*
*
;
2.1 kΩ
*
o
o
o
osc
in
F
L
C
V
RR
CV

Select R3 = 2.0 kΩ:
3
3
3
1
3
1
;
7.5 nF, Select:
10 nF
2 *
*
Z
C
C
C
FR
2
2
2
33
1
;
265 pF, Select:
180 pF
2 *
*
P
C
C
C
FR
Calculate R4, R5 and R6:
4
4
4
42
1
;
106 Ω, Select:
100 Ω
2 *
*
P
R
R
R
CF
5
4
5
42
1
-
;
3.41 kΩ,
2 *
*
Z
R
R
R
CF

Select R5 = 3.32 kΩ:
6
5
6
6
*
;
2.37 kΩ Select:
2.37 kΩ
-
ref
o
ref
V
R
R
R
R
VV
Setting the Power Good Threshold
In this design IR3898 is used in normal (non-tracking,
non-sequencing) mode, therefore the PGood thresholds are
internally set at 90% and 120% of Vref. At startup as soon as
Vsns voltage reaches 0.9*0.5V=0.45V (Fig. 15), after 1.28ms
delay, PGood signal is asserted. As long as the Vsns voltage
is between the threshold range, Enable is high, and no fault
happens, the PGood remains high.
The following formula can be used to set the threshold.
VoutPGood_Th can be taken as 90% of Vout. Choose R7=3.32KΩ:
_
* 0.9 * 7
8
(34)
* 0.9
8
2.37
PGood Th
Vref
R
R
Vout
Vref
RK

The PGood is an open drain output. Hence, it is necessary to
use a pull up resistor, RPG, from PGood pin to Vcc. The value
of the pull-up resistor must be chosen such as to limit the
current flowing into the PGood pin to less than 5mA when
the output voltage is not in regulation. A typical value used
is 49.9kΩ.
OVP comparator also uses Vsns signal for over Voltage
dectection.With above values for R7 and R8, OVP trip point
(Vout_OVP) is
_
*1.2*( 7
8) / 8 1.44
(35)
OVP
Vout
Vref
R
R
R
V
Vref Bypass Capacitor
A 100pF bypass capacitor is recommended to be placed
between Vref and Gnd pins.This capacitor should be placed as
close as possible to Vref pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com