Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-R68MS Datasheet(PDF) 23 Page - International Rectifier

Part # PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Datasheet(HTML) 23 Page - International Rectifier

Back Button PCMB065T-R68MS Datasheet HTML 19Page - International Rectifier PCMB065T-R68MS Datasheet HTML 20Page - International Rectifier PCMB065T-R68MS Datasheet HTML 21Page - International Rectifier PCMB065T-R68MS Datasheet HTML 22Page - International Rectifier PCMB065T-R68MS Datasheet HTML 23Page - International Rectifier PCMB065T-R68MS Datasheet HTML 24Page - International Rectifier PCMB065T-R68MS Datasheet HTML 25Page - International Rectifier PCMB065T-R68MS Datasheet HTML 26Page - International Rectifier PCMB065T-R68MS Datasheet HTML 27Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
- 23 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
23
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
shows the LDO voltage for 600 kHz and 1500 kHz
switching frequency respectively.
Figure 11d: LDO dropout Voltage
OUTPUT VOLTAGE TRACKING AND
SEQUENCING
IR3898 can accommodate user programmable tracking
and/or sequencing options using Vp, Vref, Enable, and
Power Good pins. In the block diagram presented on
page 3, the error-amplifier (E/A) has been depicted with
three positive inputs. Ideally, the input with the lowest
voltage is used for regulating the output voltage and the
other two inputs are ignored. In practice the voltage of
the other two inputs should be about 200mV greater
than the low-voltage input so that their effects can
completely be ignored. Vp is internally biased to 3.3V via
a high impedance path. For normal operation, Vp and
Vref is left floating (Vref should have a bypass
capacitor).
Therefore, in normal operating condition, after Enable
goes high, the internal soft-start (Intl_SS) ramps up the
output voltage until Vfb (voltage of feedback/Fb pin)
reaches about 0.5V. Then Vref takes over and the
output voltage is regulated.
Tracking-mode operation is achieved by connecting Vref
to GND. In tracking-mode, Vfb always follows Vp, which
means Vout is always proportional to Vp voltage (typical
for DDR/VTT rail applications). The effective Vp variation
range is 0V~1.2V. Fig. 5c illustrates the start-up of VTT
tracking for DDR4 application. Vp is proportional to
VDDQ. After Vp is established, asserting Enable initiates
the internal soft-start. VTT, which is the output of POL,
starts to ramp up and tracks Vp.
In sequencing mode of operation (simultaneous or
ratiometric), Vref is left floating and Vp is kept to ground level
until Intl_SS signal reaches the final value. Then Vp is ramped
up and Vfb follows Vp. When Vp>0.5V the error-amplifier
switches to Vref and the output voltage is regulated with
Vref.The final Vp voltage after sequencing startup should
between 0.7V ~ 3.3V.
Boot
Vcc/LDO
Fb
Comp
Gnd
PGnd
SW
Vo1
(master)
PGood
PGood
Rt/
Sync
5 V <Vin<16V
PVin
Vp
S_Ctrl
Vin
Vref
EN
RA
RB
Vsns
Boot
Vcc/LDO
Fb
Comp
Gnd
PGnd
SW
Vo2
(Salve)
PGood
PGood
Rt/
Sync
PVin
Vp
Vo1
(master)
S_Ctrl
Vin
Vref
EN
RE
RF
RC
RD
5 V < Vin < 16 V
Vsns
Figure 12: Application Circuit for Simultaneous
and Ratiometric Sequencing
Tracking and sequencing operations can be implemented to
be simultaneous or ratiometric (refer to Fig. 13 and 14).
Figure 12 shows typical circuit configuration for sequencing
operation. With this power-up configuration, the voltage at
the Vp pin of the slave reaches 0.5V before the Fb pin of the
master. If RE/RF =RC/RD, simultaneous startup is achieved.
That is, the output voltage of the slave follows that of the
master until the voltage at the Vp pin of the slave reaches 0.5
V. After the voltage at the Vp pin of the slave exceeds 0.5V,
the internal 0.5V reference of the
slave dictates its output voltage. In reality the regulation
gradually shifts from Vp to internal Vref. The circuit shown in
Fig. 12 can also be used for simultaneous or ratiometric
tracking operation if Vref of the slave is connected to GND.
Table 2 summarizes the required conditions to achieve
simultaneous/ratiometric tracking or sequencing operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com