Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-R68MS Datasheet(PDF) 10 Page - International Rectifier

Part # PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Datasheet(HTML) 10 Page - International Rectifier

Back Button PCMB065T-R68MS Datasheet HTML 6Page - International Rectifier PCMB065T-R68MS Datasheet HTML 7Page - International Rectifier PCMB065T-R68MS Datasheet HTML 8Page - International Rectifier PCMB065T-R68MS Datasheet HTML 9Page - International Rectifier PCMB065T-R68MS Datasheet HTML 10Page - International Rectifier PCMB065T-R68MS Datasheet HTML 11Page - International Rectifier PCMB065T-R68MS Datasheet HTML 12Page - International Rectifier PCMB065T-R68MS Datasheet HTML 13Page - International Rectifier PCMB065T-R68MS Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
- 10 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
10
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
78
80
82
84
86
88
90
92
94
96
98
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
Load Current (A)
1.0V
1.2V
1.8V
3.3V
5.0V
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
Load Current (A)
1.0V
1.2V
1.8V
3.3V
5.0V
TYPICAL EFFICIENCY AND POWER LOSS CURVES
PVin = 12V, Vcc = Internal LDO (4.4V/6.4V), Io = 0A-6A, Fs = 600 kHz, Room Temperature, No Air Flow. Note that the
efficiency and power loss curves include the losses of IR3898, the inductor losses and the losses of the input and output
capacitors. The table below shows the inductors used for each of the output voltages in the efficiency measurement.
VOUT (V)
LOUT (µH)
P/N
DCR (mΩ)
1.0
0.82
SPM6550T-R82M (TDK)
4.2
1.2
1.0
SPM6550T-1R0M (TDK)
4.7
1.8
1.0
SPM6550T-1R0M (TDK)
4.7
3.3
2.2
7443340220(Wurth Elektronik)
4.4
5
2.2
7443340220(Wurth Elektronik)
4.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com