Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-R68MS Datasheet(PDF) 44 Page - International Rectifier

Part # PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Datasheet(HTML) 44 Page - International Rectifier

Back Button PCMB065T-R68MS Datasheet HTML 38Page - International Rectifier PCMB065T-R68MS Datasheet HTML 39Page - International Rectifier PCMB065T-R68MS Datasheet HTML 40Page - International Rectifier PCMB065T-R68MS Datasheet HTML 41Page - International Rectifier PCMB065T-R68MS Datasheet HTML 42Page - International Rectifier PCMB065T-R68MS Datasheet HTML 43Page - International Rectifier PCMB065T-R68MS Datasheet HTML 44Page - International Rectifier PCMB065T-R68MS Datasheet HTML 45Page - International Rectifier PCMB065T-R68MS Datasheet HTML 46Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
- 44 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
44
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
SOLDER RESIST
 IR recommends that the larger Power or Land
Area pads are Solder Mask Defined (SMD.)
This allows the underlying Copper traces to be as
large as possible, which helps in terms of current
carrying capability and device cooling capability.
 When using SMD pads, the underlying copper
traces should be at least 0.05mm larger (on each
edge) than the Solder Mask window, in order to
accommodate any layer to layer misalignment.
(i.e. 0.1mm in X & Y.)
 However, for the smaller Signal type leads around
the edge of the device, IR recommends that these
are Non Solder Mask Defined or Copper Defined.
 When using NSMD pads, the Solder Resist
Window should be larger than the Copper Pad
by at least 0.025mm on each edge, (i.e. 0.05mm
in X&Y,) in order to accommodate any layer to
layer misalignment.
 Ensure that the solder resist in-between the
smaller signal lead areas are at least 0.15mm
wide, due to the high x/y aspect ratio of the
solder mask strip.
Figure 51: Solder resist
* Contact International Rectifier to receive an electronic PCB Library file in your preferred format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com