Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-R68MS Datasheet(PDF) 19 Page - International Rectifier

Part # PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Datasheet(HTML) 19 Page - International Rectifier

Back Button PCMB065T-R68MS Datasheet HTML 15Page - International Rectifier PCMB065T-R68MS Datasheet HTML 16Page - International Rectifier PCMB065T-R68MS Datasheet HTML 17Page - International Rectifier PCMB065T-R68MS Datasheet HTML 18Page - International Rectifier PCMB065T-R68MS Datasheet HTML 19Page - International Rectifier PCMB065T-R68MS Datasheet HTML 20Page - International Rectifier PCMB065T-R68MS Datasheet HTML 21Page - International Rectifier PCMB065T-R68MS Datasheet HTML 22Page - International Rectifier PCMB065T-R68MS Datasheet HTML 23Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
- 19 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
19
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
Pvin(12V)
Vcc
Intl_SS
Enable >1.2V
Vp>1V
Figure 5a: Recommended startup for Normal operation
Pvin (12V)
Vcc
Enable> 1. 2 V
Intl_SS
Vp
Figure 5b: Recommended startup for sequencing operation
(ratiometric or simultaneous)
Pvin=Vin=12V
Vp=VDDQ/2
Vcc
Vref=0
Enable > 1.2V
VTT
VDDQ
VTT Tracking
Figure 5c: Recommended startup for
memory tracking operation (VTT-DDR4)
Figure 5a shows the recommended start-up sequence for
the normal (non-tracking, non-sequencing) operation of
IR3898, when Enable is used as logic input. Figure 5b
shows the recommended startup sequence for sequenced
operation of IR3898 with Enable used as logic input. Figure
5c shows the recommended startup sequence for tracking
operation of IR3898 with Enable used as logic input.
In normal and sequencing mode operation, Vref is left
floating. A 100pF ceramic capacitor is recommended
between this pin and Gnd. In tracking mode operation,
Vref should be tied to Gnd.
It is recommended to apply the Enable signal after the VCC
voltage has been established. If the Enable signal is present
before VCC, a 50kΩ resistor can be used in series with the
Enable pin to limit the current flowing into the Enable pin.
PRE-BIAS STARTUP
IR3898 is able to start up into pre-charged output, which
prevents oscillation and disturbances of the output
voltage.
The output starts in asynchronous fashion and keeps the
synchronous MOSFET (Sync FET) off until the first gate
signal for control MOSFET (Ctrl FET) is generated. Figure 6a
shows a typical Pre-Bias condition at start up. The sync FET
always starts with a narrow pulse width (12.5% of a
switching period) and gradually increases its duty cycle
with a step of 12.5% until it reaches the steady state value.
The number of these startup pulses for each step is 16 and
it’s internally programmed. Figure 6b shows the series of
16x8 startup pulses.
Vo
[V]
[Time]
Pre-Bias
Voltage
Figure 6a: Pre-Bias startup
...
...
...
HDRv
...
...
...
16
End of
PB
LDRv
12.5%
25%
87.5%
16
...
...
...
...
Figure 6b: Pre-Bias startup pulses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com