Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-R68MS Datasheet(PDF) 24 Page - International Rectifier

Part # PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Datasheet(HTML) 24 Page - International Rectifier

Back Button PCMB065T-R68MS Datasheet HTML 20Page - International Rectifier PCMB065T-R68MS Datasheet HTML 21Page - International Rectifier PCMB065T-R68MS Datasheet HTML 22Page - International Rectifier PCMB065T-R68MS Datasheet HTML 23Page - International Rectifier PCMB065T-R68MS Datasheet HTML 24Page - International Rectifier PCMB065T-R68MS Datasheet HTML 25Page - International Rectifier PCMB065T-R68MS Datasheet HTML 26Page - International Rectifier PCMB065T-R68MS Datasheet HTML 27Page - International Rectifier PCMB065T-R68MS Datasheet HTML 28Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
- 24 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
24
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
Vcc
Vref=0.5V
1.2V
Soft Start (slave)
Enable (slave)
Vo1 (master)
Vo2 (slave)
(a)
Vo1 (master)
Vo2 (slave)
(b)
Figure 13: Typical waveforms for sequencing mode of
operation: (a) simultaneous, (b) ratiometric
Vcc
Vref=0V (slave)
1.2V
Soft Start (slave)
Enable (slave)
Vo1 (master)
Vo2 (slave)
(a)
Vo1 (master)
Vo2 (slave)
(b)
Figure 14: Typical waveforms in tracking mode of operation:
(a) simultaneous, (b) ratiometric
TABLE 2: REQUIRED CONDITIONS FOR
SIMULTANEOUS/RATIOMETRIC TRACKING AND SEQUENCING (FIG.
12)
Operating
Mode
Vref
(Slave)
Vp
Required
Condition
Normal
(Non-sequencing,
Non-tracking)
0.5V
(Floating)
Floating
―
Simultaneous
Sequencing
0.5V
Ramp up
from 0V
RA/RB>RE/
RF=RC/RD
Ratiometric
Sequencing
0.5V
Ramp up
from 0V
RA/RB>RE/
RF>RC/RD
Simultaneous
Tracking
0V
Ramp up
before En
RE/RF
=RC/RD
Ratiometric
Tracking
0V
Ramp up
before En
RE/RF
>RC/RD
VREF
This pin reflects the internal reference voltage which is used
by the error amplifier to set the output voltage. In most
operating conditions this pin is only connected to an external
bypass capacitor and it is left floating. A 100pF ceramic
capacitor is recommended for the bypass capacitor. To keep
stand by current to minimum, Vref is not allowed to come up
until EN starts going high. In tracking mode this pin should be
pulled to GND. For margining applications, an external voltage
source is connected to Vref pin and overrides the internal
reference voltage. The external voltage source should have a
low internal resistance (<100Ω) and be able to source and
sink more than 25µA.
POWER GOOD OUTPUT (TRACKING,
SEQUENCING, VREF MARGINING)
IR3898 continually monitors the output voltage via the sense
pin (Vsns) voltage. The Vsns voltage is an input to the window
comparator with upper and lower threshold of 0.6V and
0.45V respectively. PGood signal is high whenever Vsns
voltage is within the PGood comparator window thresholds.
The PGood pin is open drain and it needs to be externally
pulled high. High state indicates that output is in regulation.
The threshold is set differently at different operating modes
and the results of the comparison sets the PGood signal.
Figures 15, 16, and 17 show the timing diagram of the PGood
signal at different operating modes. Vsns signal is also used by
OVP comparator for detecting output over voltage condition.
0
0
0
Vref
PGood
Vsns
0.5 V
1.2*Vref
0.85*Vp
1.28ms
1.28ms
OVP
Latch
0.9*Vp
Figure 15: Non-sequence, Non-tracking Startup
and Vref Margin (Vp pin floating)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com