Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-R68MS Datasheet(PDF) 20 Page - International Rectifier

Part # PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Datasheet(HTML) 20 Page - International Rectifier

Back Button PCMB065T-R68MS Datasheet HTML 16Page - International Rectifier PCMB065T-R68MS Datasheet HTML 17Page - International Rectifier PCMB065T-R68MS Datasheet HTML 18Page - International Rectifier PCMB065T-R68MS Datasheet HTML 19Page - International Rectifier PCMB065T-R68MS Datasheet HTML 20Page - International Rectifier PCMB065T-R68MS Datasheet HTML 21Page - International Rectifier PCMB065T-R68MS Datasheet HTML 22Page - International Rectifier PCMB065T-R68MS Datasheet HTML 23Page - International Rectifier PCMB065T-R68MS Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
- 20 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
20
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
SOFT-START
IR3898 has an internal digital soft-start to control the
output voltage rise and to limit the current surge at the
start-up. To ensure correct start-up, the soft-start
sequence initiates when the Enable and Vcc rise above
their UVLO thresholds and generate the Power On Ready
(POR) signal. The internal soft-start (Intl_SS) signal linearly
rises with the rate of 0.2mV/µs from 0V to 1.5V. Figure 7
shows the waveforms during soft start (also refer to Fig.
20). The normal Vout start-up time is fixed, and is equal to:
0.65V-0.15V
2.5ms
(1)
0.2mV/ s
start
T

During the soft start the over-current protection (OCP) and
over-voltage protection (OVP) is enabled to protect the
device for any short circuit or over voltage condition.
POR
Intl_SS
Vout
0.15V
0.65V
t
1
t 2
t3
1.5V
3.0V
Figure 7: Theoretical operation waveforms during
soft-start (non tracking / non sequencing)
OPERATING FREQUENCY
The switching frequency can be programmed between
300kHz – 1500kHz by connecting an external resistor from
Rt pin to Gnd. Table 1 tabulates the oscillator frequency
versus Rt.
SHUTDOWN
IR3898 can be shut down by pulling the Enable pin below
its 1.0V threshold. This will tri-state both the high side and
the low side driver.
TABLE 1: SWITCHING FREQUENCY (FS) VS. EXTERNAL RESISTOR (R
T)
Rt (KΩ)
Freq (KHz)
80.6
300
60.4
400
48.7
500
39.2
600
34
700
29.4
800
26.1
900
23.2
1000
21
1100
19.1
1200
17.4
1300
16.2
1400
15
1500
OVER CURRENT PROTECTION
The over current (OC) protection is performed by sensing
current through the RDS(on) of the Synchronous MOSFET.
This method enhances the converter’s efficiency, reduces
cost by eliminating a current sense resistor and any layout
related noise issues. The current limit is pre-set internally
and is compensated according to the IC temperature. So at
different ambient temperature, the over-current trip
threshold remains almost constant.
Note that the over current limit is a function of the Vcc
voltage. Refer to the typical performance curves of the
OCP current limit with the internal LDO and the external
Vcc voltage. Detailed operation of OCP is explained as
follows.
Over Current Protection circuit senses the inductor current
flowing through the Synchronous MOSFET closer to the
valley point. OCP circuit samples this current for 40nsec
typically after the rising edge of the PWM set pulse which
has a width of 12.5% of the switching period.The PWM
pulse starts at the falling edge of the PWM set pulse.This
makes valley current sense more robust as current is
sensed close to the bottom of the inductor downward
slope where transient and switching noise are lower and
helps to prevent false tripping due to noise and transient.
An OC condition is detected if the load current exceeds the
threshold, the converter enters into hiccup mode. PGood
will go low and the internal soft start signal will be pulled
low. The converter goes into hiccup mode with a 20.48ms
(typ.) delay as shown in Figure 8. The convertor stays in
this mode until the over load or short circuit is removed.
The actual DC output current limit point will be greater



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com