Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-R68MS Datasheet(PDF) 22 Page - International Rectifier

Part # PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Datasheet(HTML) 22 Page - International Rectifier

Back Button PCMB065T-R68MS Datasheet HTML 18Page - International Rectifier PCMB065T-R68MS Datasheet HTML 19Page - International Rectifier PCMB065T-R68MS Datasheet HTML 20Page - International Rectifier PCMB065T-R68MS Datasheet HTML 21Page - International Rectifier PCMB065T-R68MS Datasheet HTML 22Page - International Rectifier PCMB065T-R68MS Datasheet HTML 23Page - International Rectifier PCMB065T-R68MS Datasheet HTML 24Page - International Rectifier PCMB065T-R68MS Datasheet HTML 25Page - International Rectifier PCMB065T-R68MS Datasheet HTML 26Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
- 22 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
22
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
FEEDFORWARD
Feed-Forward (F.F.) is an important feature, because it
can keep the converter stable and preserve its load
transient performance when Vin varies in a large range.
In IR3898, F.F. function is enabled when Vin pin is
connected to PVin pin. In this case, the internal low
dropout (LDO) regulator is used. The PWM ramp
amplitude (Vramp) is proportionally changed with Vin to
maintain Vin/Vramp almost constant throughout Vin
variation range (as shown in Fig. 10). Thus, the control
loop bandwidth and phase margin can be maintained
constant. Feed-forward function can also minimize
impact on output voltage from fast Vin change. The
maximum Vin slew rate is within 1V/µs.
If an external bias voltage is used as Vcc, Vin pin should
be connected to Vcc/LDO_Out pin instead of PVin pin.
Then the F.F. function is disabled. A re-calculation of
control loop parameters is needed for re-compensation.
0
0
Vin
PWM Ramp
12V
Ramp Offset
21V
6.8V
12V
PWM Ramp
Amplitude = 1.8V
PWM Ramp
Amplitude = 3.15V
PWM Ramp
Amplitude = 1.02V
PWM Ramp
Amplitude = 0.15xVin
Figure 10: Timing Diagram for Feed-Forward (F.F.) Function
SMART LOW DROPOUT REGULATOR (LDO)
IR3898 has an integrated low dropout (LDO) regulator
which can provide gate drive voltage for both drivers.
In order to improve overall efficiency over the entire
load range, LDO voltage is set to 6.4V (typ.) at mid- or
heavy load condition to reduce Rds(on) and thus
MOSFET conduction loss; and it is reduced to 4.4 (typ.)
at light load condition to reduce gate drive loss.
The smart LDO can select its output voltage according to
the load condition by sensing switch node (SW) voltage.
At light load condition when part of the inductor current
flows in the reverse direction (DCM=1), VSW > 0 on LDrv
falling edge in a switching cycle. If this case happens for
consecutive 256 switching cycles, the smart LDO
reduces its output to 4.4. If in any one of the 256 cycles,
Vsw < 0 on LDrv falling edge, the counter is reset and
LDO voltage doesn’t change. On the other hand, if Vsw <
0 on LDrv falling edge (DCM=0), LDO output is increased to
6.4V. A hysteresis band is added to Vsw comparison to avoid
chattering. Figure 11a shows the timing diagram. Whenever
device turns on, LDO always starts with 6.4V, then goes to
4.4V/6.4V depending upon the load condition. For internally
biased single rail operation, Vin pin should be connected to
PVin pin, as shown in Figure 11b. If external bias voltage is
used, Vin pin should be connected to Vcc/LDO_Out pin, as
shown in Figure 11c.
Vcc/
LDO
0
0
IL
256/Fs
...
...
...
6.4V
6.4V
4.4V
...
Figure 11a: Time Diagram for Smart LDO
IR3898
VCC/
LDO_OUT
PGnd
Vin
Vin
PVin
Figure 11b: Internally Biased Single Rail Operation
Ext
VCC
Vin
IR3898
VCC/
LDO_OUT
PGnd
Vin
PVin
Figure 11c: Use External Bias Voltage
When the Vin voltage is below 6.8V, the internal LDO enters
the dropout mode at medium and heavy load. The dropout
voltage increases with the switching frequency. Figure 11d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com