Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-R68MS Datasheet(PDF) 41 Page - International Rectifier

Part # PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Datasheet(HTML) 41 Page - International Rectifier

Back Button PCMB065T-R68MS Datasheet HTML 37Page - International Rectifier PCMB065T-R68MS Datasheet HTML 38Page - International Rectifier PCMB065T-R68MS Datasheet HTML 39Page - International Rectifier PCMB065T-R68MS Datasheet HTML 40Page - International Rectifier PCMB065T-R68MS Datasheet HTML 41Page - International Rectifier PCMB065T-R68MS Datasheet HTML 42Page - International Rectifier PCMB065T-R68MS Datasheet HTML 43Page - International Rectifier PCMB065T-R68MS Datasheet HTML 44Page - International Rectifier PCMB065T-R68MS Datasheet HTML 45Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
- 41 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
41
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
LAYOUT RECOMMENDATIONS
The layout is very important when designing high
frequency switching converters. Layout will affect noise
pickup and can cause a good design to perform with less
than expected results.
Make the connections for the power components in the
top layer with wide, copper filled areas or polygons. In
general, it is desirable to make proper use of power planes
and polygons for power distribution and heat dissipation.
The inductor, output capacitors and the IR3898 should be
as close to each other as possible. This helps to reduce the
EMI radiated by the power traces due to the high switching
currents through them. Place the input capacitor directly
at the PVin pin of IR3898.
The feedback part of the system should be kept away from
the inductor and other noise sources.
The critical bypass components such as capacitors for Vin,
Vcc and Vref should be close to their respective pins. It is
important to place the feedback components including
feedback resistors and compensation components close to
Fb and Comp pins.
In a multilayer PCB use one layer as a power ground plane
and have a control circuit ground (analog ground), to which
all signals are referenced. The goal is to localize the high
current path to a separate loop that does not interfere
with the more sensitive analog control function. These two
grounds must be connected together on the PC board
layout at a single point. It is recommended to place all
the compensation parts over the analog ground plane in
top layer.
The Power QFN is a thermally enhanced package. Based on
thermal performance it is recommended to use at least a
4-layers PCB. To effectively remove heat from the device
the exposed pad should be connected to the ground plane
using vias. Figures 46a-d illustrates the implementation of
the layout guidelines outlined above, on the IRDC3898 4-
layer demo board.
Figure 49a: IRDC3898 Demo board Layout Considerations – Top Layer
Compensation parts
should be placed
as close as possible
to the Comp pin
Resistor Rt and Vref
decoupling cap should
be placed as close as
possible to their pins
Enough copper &
minimum ground
length
path between Input
and Output
All bypass caps
should be placed
as close as possible
to their connecting
pins
SW node copper is
kept only at the top
layer to minimize
the switching noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com