Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-R68MS Datasheet(PDF) 30 Page - International Rectifier

Part # PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Datasheet(HTML) 30 Page - International Rectifier

Back Button PCMB065T-R68MS Datasheet HTML 26Page - International Rectifier PCMB065T-R68MS Datasheet HTML 27Page - International Rectifier PCMB065T-R68MS Datasheet HTML 28Page - International Rectifier PCMB065T-R68MS Datasheet HTML 29Page - International Rectifier PCMB065T-R68MS Datasheet HTML 30Page - International Rectifier PCMB065T-R68MS Datasheet HTML 31Page - International Rectifier PCMB065T-R68MS Datasheet HTML 32Page - International Rectifier PCMB065T-R68MS Datasheet HTML 33Page - International Rectifier PCMB065T-R68MS Datasheet HTML 34Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
- 30 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
30
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
The IR3898 uses a voltage-type error amplifier with
high-gain (110dB) and high-bandwidth (30MHz). The
output of the amplifier is available for DC gain control
and AC phase compensation.
The error amplifier can be compensated either in type II
or type III compensation. Type II compensation is shown
in Fig. 26. This method requires that the output
capacitors have enough ESR to satisfy stability
requirements. If the output capacitor’s ESR generates a
zero at 5kHz to 50kHz, the zero generates acceptable
phase margin and the Type II compensator can be used.
The ESR zero of the output capacitor is expressed as
follows:
1
(18)
2
ESR
o
F
π* ESR* C

VOUT
VREF
R6
R5
C
POLE
C3
R3
Ve
FZ
F
POLE
E/A
Z f
Frequency
Gain(dB)
H(s) dB
Fb
Comp
Z IN
Figure 26: Type II compensation network
and its asymptotic gain plot
The transfer function (Ve/Vout) is given by:
3
3
5
3
1
( )
(19)
f
e
out
IN
Z
V
sR C
Hs
V
Z
sR C
 
 

The (s) indicates that the transfer function varies as a
function of frequency. This configuration introduces a
gain and zero, expressed by:
 
3
5
3
3
(20)
1
(21)
2 *
*
z
R
Hs
R
F
RC


First select the desired zero-crossover frequency (Fo):
o
(22)
and F
1/5~1/10 *
o
ESR
s
F
F
F 

Use the following equation to calculate R3:
5
3
2
*
*
*
(23)
*
osc
o
ESR
in
LC
V
F
F
R
R
VF

Where:
Vin = Maximum Input Voltage
Vosc = Amplitude of the oscillator Ramp Voltage
Fo = Crossover Frequency
FESR = Zero Frequency of the Output Capacitor
FLC = Resonant Frequency of the Output Filter
R5 = Feedback Resistor
To cancel one of the LC filter poles, place the zero before the
LC filter resonant frequency pole:
75 % *
1
0.75*
(24)
2*
z
LC
z
oo
FF
F
LC

Use equations (20), (21) and (22) to calculate C3.
One more capacitor is sometimes added in parallel with C3
and R3. This introduces one more pole which is mainly used
to suppress the switching noise.
The additional pole is given by:
3
3
3
1
(25)
*
2 *
*
P
POLE
POLE
F
CC
R
CC

The pole sets to one half of the switching frequency which
results in the capacitor CPOLE:
3
3
3
11
(26)
1
POLE
s
s
C
* R * F
* R * F
C




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com