Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 29Page - Texas Instruments AMC7812SPAPR Datasheet HTML 30Page - Texas Instruments AMC7812SPAPR Datasheet HTML 31Page - Texas Instruments AMC7812SPAPR Datasheet HTML 32Page - Texas Instruments AMC7812SPAPR Datasheet HTML 33Page - Texas Instruments AMC7812SPAPR Datasheet HTML 34Page - Texas Instruments AMC7812SPAPR Datasheet HTML 35Page - Texas Instruments AMC7812SPAPR Datasheet HTML 36Page - Texas Instruments AMC7812SPAPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
CNVT
DAV
FirstConversionof
theChannelsSpecifiedin
theADCChannelRegister
First
Trigger
b)ExternalTrigger,AutoMode:
1 s
m
CNVT
DAV
SecondConversionof
theChannelsSpecifiedin
theADCChannelRegister
ThirdConversionof
theChannelsSpecifiedin
theADCChannelRegister
First
Trigger
Second
Trigger
Third
Trigger
FirstConversionof
theChannelsSpecifiedin
theADCChannelRegister
SecondConversionof
theChannelsSpecifiedin
theADCChannelRegister
ThirdConversionof
theChannelsSpecifiedin
theADCChannelRegister
a)ExternalTrigger,DirectMode:
SS
SDI
DAV
SetICONV
bitto ‘1’
DATA
First
Internal
Trigger
ReadData
DATA
ReadData
SetICONV
bitto ‘1’
Second
Internal
Trigger
FirstConversionof
theChannelsSpecifiedin
theADCChannelRegister
SecondConversionof
theChannelsSpecifiedin
theADCChannelRegister
SS
SDI
DAV
SetICONV
bitto ‘1’
Internal
Trigger
1 s
m
FirstConversionof
theChannelsSpecifiedin
theADCChannelRegister
SecondConversion
ThirdConversion
b)InternalTrigger,AutoMode:
a)InternalTrigger,DirectMode:
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
Handshaking with the Host (see AMC Configuration Register 0)
The DAV pin and the DAVF (data available flag) bit in AMC Configuration Register 0 provide handshaking with
the host. Pin and bit status depend on the conversion mode (direct or auto), as shown in Figure 84 and
Figure 85. In direct mode, after ADC-n-Data Registers of all of the selected channels are updated, the DAVF bit
in AMC Configuration Register 0 is set immediately to '1', and the DAV pin is active (low) to signify that new data
are available. Reading the ADC-n-Data Register or restarting via the external CNVT pin, the ADC clears the
DAVF bit to '0' and deactivates the DAV pin (high). If an internal convert start (ICONV bit) is used to start the new
ADC conversion, in order to reset the DAV status, an ADC-n-Data Register must be read after the current
conversion finishes before a new conversion can be started.
In auto-mode, after the ADC-n-Data Registers of the selected channels are updated, a pulse of 1µs (low)
appears on the DAV pin to signify that new data are available. However, the DAVF bit is always cleared to '0' in
auto-mode.
Figure 84. ADC Internal Trigger
Figure 85. ADC External Trigger
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com