Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 19Page - Texas Instruments AMC7812SPAPR Datasheet HTML 20Page - Texas Instruments AMC7812SPAPR Datasheet HTML 21Page - Texas Instruments AMC7812SPAPR Datasheet HTML 22Page - Texas Instruments AMC7812SPAPR Datasheet HTML 23Page - Texas Instruments AMC7812SPAPR Datasheet HTML 24Page - Texas Instruments AMC7812SPAPR Datasheet HTML 25Page - Texas Instruments AMC7812SPAPR Datasheet HTML 26Page - Texas Instruments AMC7812SPAPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
AVDD (V)
0V to VREF Mode
0V to (2
⋅ V
REF) Mode
TA = +25°C
VREF = 2.5V, Internal
Single−Ended Mode
−40 −25 −10
5
20
35
50
65
80
95
110 125
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
TA (°C)
0V to VREF Mode
0V to (2
⋅ V
REF) Mode
VREF = 2.5V, Internal
Single−Ended Mode
−40 −25 −10
5
20
35
50
65
80
95
110 125
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
INL Max
INL Min
TA (°C)
0V to VREF Mode
VREF = 2.5V, Internal
Differential Mode
−40 −25 −10
5
20
35
50
65
80
95
110 125
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
INL Max
INL Min
TA (°C)
0V to (2
⋅ V
REF) Mode
VREF = 2.5V, Internal
Differential Mode
−40 −25 −10
5
20
35
50
65
80
95
110 125
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
INL Max
INL Min
TA (°C)
0V to VREF Mode
VREF = 2.5V, Internal
Single−Ended Mode
−40 −25 −10
5
20
35
50
65
80
95
110 125
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
INL Max
INL Min
TA (°C)
0V to (2
⋅ V
REF) Mode
VREF = 2.5V, Internal
Single−Ended Mode
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
TYPICAL CHARACTERISTICS: ADC (continued)
At +25°C, unless otherwise noted.
LINEARITY ERROR vs TEMPERATURE
LINEARITY ERROR vs TEMPERATURE
Figure 55.
Figure 56.
LINEARITY ERROR vs TEMPERATURE
LINEARITY ERROR vs TEMPERATURE
Figure 57.
Figure 58.
GAIN ERROR vs SUPPLY
GAIN ERROR vs TEMPERATURE
Figure 59.
Figure 60.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com