Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAPR Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 69 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 65Page - Texas Instruments AMC7812SPAPR Datasheet HTML 66Page - Texas Instruments AMC7812SPAPR Datasheet HTML 67Page - Texas Instruments AMC7812SPAPR Datasheet HTML 68Page - Texas Instruments AMC7812SPAPR Datasheet HTML 69Page - Texas Instruments AMC7812SPAPR Datasheet HTML 70Page - Texas Instruments AMC7812SPAPR Datasheet HTML 71Page - Texas Instruments AMC7812SPAPR Datasheet HTML 72Page - Texas Instruments AMC7812SPAPR Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
Table 21. Alarm Control Register (continued)
BIT
NAME
DEFAULT
R/W
DESCRIPTION
D2 fail alarm enable bit.
If EALR-D2-FAIL = '1', the D2-Fail alarm is enabled. When D2 fails, the D2-FAIL-ALR bit is
3
EALR-D2-FAIL
0
R/W
set ('1'), the ALARM pin goes low (if enabled).
If EALR-D2-FAIL = '0', the D2-FAIL alarm is masked. When D2 fails, the ALARM pin does
not go low, but the D2-FAIL-ALR bit is set.
Alarm latch disable bit.
When ALARM-LATCH-DIS = '1', the Status Register bits are not latched. When the alarm
condition subsides, the alarm bits are cleared regardless of whether the Status Register
ALARM-
has been read or not.
2
0
R/W
LATCH-DIS
When ALARM-LATCH-DIS = '0', the Status Register bits are latched. When an alarm
occurs, the corresponding alarm bit is set ('1'). The alarm bit remains '1' until the error
condition subsides and the Status Register is read. Before reading, the alarm bit is not
cleared ('0') even if the alarm condition disappears.
1
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
0
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
STATUS REGISTER (Read Only, Address = 4Fh, Default = 0000h)
The AMC7812 continuously monitors all analog inputs and temperatures during normal operation. When any
input is out of the specified range N consecutive times, the corresponding alarm bit is set ('1'). If the input returns
to the normal range before N consecutive times, the corresponding alarm bit remains clear ('0'). This
configurations avoids any false alarms.
When an alarm status occurs, the corresponding alarm bit is set ('1'). When the ALARM-LATCH-DIS bit in the
Alarm Control Register is cleared ('0'), the ALARM pin is latched. Whenever an alarm status bit is set, it remains
set until the event that caused it is resolved and the Status Register is read. Reading the Status Registers clears
the alarm status bit. The alarm bit can only be cleared by reading the Status Register after the event is resolved,
or by hardware reset, software reset, or power-on reset. All alarm status bits are cleared when reading the Status
Register, and all these bits are reasserted if the out-of-limit condition still exists after the next conversion cycle,
unless otherwise noted.
When the ALARM-LATCH-DIS bit in the Alarm Control Register is set ('1'), the ALARM pin is not latched. The
alarm bit goes to '0' when the error condition subsides, regardless of whether the bit is read or not.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
69
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com