Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAPR Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 41 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 37Page - Texas Instruments AMC7812SPAPR Datasheet HTML 38Page - Texas Instruments AMC7812SPAPR Datasheet HTML 39Page - Texas Instruments AMC7812SPAPR Datasheet HTML 40Page - Texas Instruments AMC7812SPAPR Datasheet HTML 41Page - Texas Instruments AMC7812SPAPR Datasheet HTML 42Page - Texas Instruments AMC7812SPAPR Datasheet HTML 43Page - Texas Instruments AMC7812SPAPR Datasheet HTML 44Page - Texas Instruments AMC7812SPAPR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
DAC Output
The output range is programmable from 0 to (2 · VREF) or from 0 to (5 · VREF), depending on the gain bits in the
DAC Gain Register. The maximum output is AVCC. The output buffer amplifier is capable of generating rail-to-rail
voltages on its output, giving an output range of 0V to AVCC. The source and sink capabilities of the output
amplifier can be seen in the Typical Characteristics. The slew rate is 1.5V/
μs with a typical ¼ to ¾ scale settling
time of 3
μs with the output unloaded.
Double-Buffered DAC Data Registers
There are 12 double-buffered DAC data registers. Each DAC has an internal latch preceded by a DAC Data
Register. Data are initially written to an individual DAC-n-Data Register and then transferred to the corresponding
DAC-n Latch. When the DAC-n Latch is updated, the output of DAC-n changes to the newly set value. When the
host reads the register memory map location labeled DAC-n Data, the value held in the DAC-n Latch is returned
(not the value held in the input DAC-n-Data Register).
Full-Scale Output Range
The full-scale output range of each DAC is set by the product of the value of the reference voltage times the gain
of the DAC output buffer (VREF · Gain). The gain bits of the DAC Gain Register set the output range of the
individual DAC-n. The full-scale output range of each DAC is limited by the analog power supply. The maximum
output from the DAC must not be greater than AVCC, and the minimum output must not be less than AGND.
DAC Output After Power-On Reset
After power on, the DAC output buffer is in power-down mode. The output buffer is in a Hi-Z state and the DAC-
Out output pin connects to the analog ground through an internal 10k
Ω resistor. After power on or hardware
reset, all DAC-n-Data Registers, all DAC-n Latches, and the DAC output are set to default values (000h).
Load DAC Latch
See Figure 91 for the structure of the DAC register and DAC latch. The contents of the DAC-n Latch determine
the output level of the DAC-n pin. After writing to the DAC-n-Data Register, the DAC Latch can be loaded in the
following ways:
•
In asynchronous mode (SLDAC-n bit = '0'), the data are loaded into the DAC-n Latch immediately after the
write operation.
•
In synchronous mode (SLDAC-n bit = '1'), the DAC latch updates when the synchronous DAC loading signal
occurs. Setting the ILDAC bit in AMC Configuration Register 0 generates the loading signal.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com