Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAPR Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 45 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 41Page - Texas Instruments AMC7812SPAPR Datasheet HTML 42Page - Texas Instruments AMC7812SPAPR Datasheet HTML 43Page - Texas Instruments AMC7812SPAPR Datasheet HTML 44Page - Texas Instruments AMC7812SPAPR Datasheet HTML 45Page - Texas Instruments AMC7812SPAPR Datasheet HTML 46Page - Texas Instruments AMC7812SPAPR Datasheet HTML 47Page - Texas Instruments AMC7812SPAPR Datasheet HTML 48Page - Texas Instruments AMC7812SPAPR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
TemperatureData
(D1,D2,LT)
High-Threshold
(upperbound)
Low-Threshold
(lowerbound)
Low-ALRBit
High-ALRBit
CH -ALRBit
n
n
n
thAnalogInput
( =0to3)
High-Threshold-
Register
(upperbound)
n
Low-Threshold-
Register
(lowerbound)
n
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
Analog Input Out-of-Range Alarm
The AMC7812 provides out-of-range detection for four individual analog inputs (CH0, CH1, CH2, and CH3) as
shown in Figure 95. When the measurement is out-of-range, the corresponding alarm bit in the Status Register is
set to '1' to flag the out-of-range condition. The value in the High-Threshold Register defines the upper bound
threshold of the nth analog input, while the value in Low-Threshold defines the lower bound. These two bounds
specify a window for the out-of-range detection.
Figure 95. CHn Out-of-Range Alarm
The AMC7812 also has high-limit or low-limit detection for the temperature sensors (D1, D2, and LT), as shown
in Figure 96. To implement single, upper-bound threshold detection for analog input CHn, the host processor can
set the upper-bound threshold to the desired value and the lower-bound threshold to the default value. For lower-
bound threshold detection, the host processor can set the lower-bound threshold to the desired value and the
upper-bound threshold to the default value. Note that the value of the High-Threshold Register must not be less
than the value of the Low-Threshold Register; otherwise, ALR-n is always set to '1' and the alarm indicator is
always active. Each temperature sensor has two alarm bits: High-ALR (high-limit alarm) and Low-ALR (low-limit
alarm).
Figure 96. Temperature Out-of-Range Alarm
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com