Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAPR Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 40 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 36Page - Texas Instruments AMC7812SPAPR Datasheet HTML 37Page - Texas Instruments AMC7812SPAPR Datasheet HTML 38Page - Texas Instruments AMC7812SPAPR Datasheet HTML 39Page - Texas Instruments AMC7812SPAPR Datasheet HTML 40Page - Texas Instruments AMC7812SPAPR Datasheet HTML 41Page - Texas Instruments AMC7812SPAPR Datasheet HTML 42Page - Texas Instruments AMC7812SPAPR Datasheet HTML 43Page - Texas Instruments AMC7812SPAPR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
R
R
R
R
ToOutput
Amplifier
R
12-Bit
Resistor
String
V
OUT
DAC
Latch
DAC
Data
Register
DACLoad
(1)
GainLogic
GainBits
Gain
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
DAC OPERATION
The AMC7812 contains 12 DACs that provide digital control with 12 bits of resolution using an internal or
external reference. The DAC core is a 12-bit string DAC and output buffer. The DAC drives the output buffer to
provide an output voltage. Refer to the DAC Configuration Register for details. Figure 91 shows a function block
diagram of the DAC architecture. The DAC Latch stores the code that determines the output voltage from the
DAC string. The code is transferred from the DAC-n-Data Register to the DAC Latch when the internal DAC-
Load signal is generated.
(1)
Internal DAC load is generated by writing '1' to ILDAC bit in synchronous mode. In asynchronous mode, the DAC
latch is transparent.
Figure 91. DAC Block Diagram
Resistor String
The resistor string structure is shown in Figure 92. It consists of a string of resistors, each of value R. The code
loaded to the DAC Latch determines at which node on the string the voltage is tapped off to be fed into the
output amplifier. The voltage is tapped off by closing one of the switches connecting the string to the amplifier.
This architecture is inherently monotonic, voltage out, and low glitch. It is also linear because all the resistors are
of equal value.
Figure 92. Resistor String
40
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com