Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAPR Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 72 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 68Page - Texas Instruments AMC7812SPAPR Datasheet HTML 69Page - Texas Instruments AMC7812SPAPR Datasheet HTML 70Page - Texas Instruments AMC7812SPAPR Datasheet HTML 71Page - Texas Instruments AMC7812SPAPR Datasheet HTML 72Page - Texas Instruments AMC7812SPAPR Datasheet HTML 73Page - Texas Instruments AMC7812SPAPR Datasheet HTML 74Page - Texas Instruments AMC7812SPAPR Datasheet HTML 75Page - Texas Instruments AMC7812SPAPR Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
ADC CHANNEL REGISTER 1 (Read/Write, Address = 51h, Default = 0000h)
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
SE13
SE14
SE15
0
0
0
0
0
0
0
0
0
0
0
0
These bits specify the external analog auxiliary input channels (CH13, CH14,and CH 15) to be converted. The
specified channel is accessed sequentially in the order from bit 14 to bit 0 of ADC Channel Register 0, and then
bit 14 to bit 12 of ADC Channel Register 1. The input is converted when the corresponding bit is set ('1').
Bits[14:12]
SEn: External single-ended analog input CHn. The result is stored in the ADC-n-Data Register in straight binary format.
ADC GAIN REGISTER (Read/Write, Address = 52h, Default = FFFFh)
MSB
BIT
BIT
BIT
BIT
BIT
BIT
LSB
15
14
13
12
11
10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ADG0
ADG1
ADG2
ADG3
ADG4
ADG5
ADG6
ADG7
ADG8
ADG9
ADG10
ADG11
ADG12
ADG13
ADG14
ADG15
Bit 15
ADG0.
When ADG0 = '1', the analog input range of single-ended input CH0 (SE0) is 0 to (2 · VREF) or differential input pair
DF(CH0+/CH1–) is (–2 · VREF) to (+2 · VREF).
When ADG0 = '0', the analog input range of single-ended input CH0 (SE0) is 0 to VREF or differential input pair
DF(CH0+/CH1–) is –VREF to +VREF.
Bit 14
ADG1.
When ADG1 = '1', the analog input range is 0 to (2 · VREF).
When ADG1 = '0', the analog input range of single-ended input CH1 (SE1) is 0 to VREF.
Bit 13
ADG2.
When ADG2 = '1', the analog input range of single-ended input CH2 (SE2) is 0 to (2 · VREF) or differential input pair
DF(CH2+/CH3–) is (–2 · VREF) to (+2 · VREF).
When ADG2 = '0', the analog input range of single-ended input CH2 (SE2) is 0 to VREF or differential input pair
DF(CH2+/CH3–) is –VREF to +VREF.
Bit 12
ADG3.
When ADG3 = '1', the analog input range is 0 to (2 · VREF).
When ADG3 = '0', the analog input range of single-end input CH3 (SE3) is 0 to VREF.
Bit[11:0]
ADG4 to ADG15.
When these bits = '1', the analog input range is 0 to (2 · VREF).
When these bits = '0', the analog input range of CHn (where n = 4 to 15) is 0 to VREF
AUTO-DAC-CLR-SOURCE REGISTER (Read/Write, Address = 53h, Default = 0004h)
This register selects which alarm forces the DAC into a clear state, regardless of which DAC operation mode is
active, auto or manual.
Table 26. AUTO-DAC-CLR-SOURCE Register
BIT
NAME
DEFAULT
R/W
DESCRIPTION
15
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
CH0 alarm clear bit.
If CH0-ALR_CLR = '1', and if both the ACLRn bit in the AUTO-DAC-CLR-EN Register and
14
CH0-ALR-CLR
0
R/W
the CH0-ALR bit in the Status Register are set ('1'), then DAC-n is forced to a clear status.
If CH0-ALR_CLR = '0', then CH1-ALR goes to '1' and does not force any DAC to a clear
status.
CH1 alarm clear bit.
If CH1-ALR_CLR = '1', and if both the ACLRn bit in the AUTO-DAC-CLR-EN Register and
13
CH1-ALR-CLR
0
R/W
the CH1-ALR bit in the Status Register are set ('1'), then DACn is forced to a clear status.
If CH1-ALR_CLR = '0', then CH1-ALR goes to '1' and does not force any DAC to a clear
status.
CH2 alarm clear bit.
If CH2-ALR_CLR = '1', and if both the ACLRn bit in the AUTO-DAC-CLR-EN Register and
12
CH2-ALR-CLR
0
R/W
the CH2-ALR bit in the Status Register are set ('1'), then DACn is forced to a clear status.
If CH2-ALR_CLR = '0', then CH2-ALR goes to '1' and does not force any DAC to a clear
status.
72
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com