Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAPR Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 61 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 57Page - Texas Instruments AMC7812SPAPR Datasheet HTML 58Page - Texas Instruments AMC7812SPAPR Datasheet HTML 59Page - Texas Instruments AMC7812SPAPR Datasheet HTML 60Page - Texas Instruments AMC7812SPAPR Datasheet HTML 61Page - Texas Instruments AMC7812SPAPR Datasheet HTML 62Page - Texas Instruments AMC7812SPAPR Datasheet HTML 63Page - Texas Instruments AMC7812SPAPR Datasheet HTML 64Page - Texas Instruments AMC7812SPAPR Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
TEMPERATURE DATA REGISTERS (Read-Only)
In twos complement format, 0.125°C/LSB.
LT-Temperature-Data Register (Address = 00h, Default 0000h, 0°C)
Store the local temperature sensor reading in twos complement data format.
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LT-11
LT-10
LT-9
LT-8
LT-7
LT-6
LT-5
LT-4
LT-3
LT-2
LT-1
LT-0
0
0
0
0
D1-Temperature-Data Register (Address = 01h, Default 0000h, 0°C)
Store the remote temperature sensor D1 reading in twos complement data format.
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
D1-11
D1-10
D1-9
D1-8
D1-7
D1-6
D1-5
D1-4
D1-3
D1-2
D1-1
D1-0
0
0
0
0
D2-Temperature-Data Register (Address = 02h, Default 0000h, 0°C)
Store the remote temperature sensor D2 reading in twos complement data format.
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
D2-11
D2-10
D2-9
D2-8
D2-7
D2-6
D2-5
D2-4
D2-3
D2-2
D2-1
D2-0
0
0
0
0
TEMPERATURE CONFIGURATION REGISTER (Read/Write, Address = 0Ah)
When using the SPI, the following bit configuration must be used; default = 003Ch.
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
0
0
0
0
0
0
0
0
D2EN
D1EN
LTEN
RC
0
0
When using the I2C interface, the following bit configuration must be used; default = 3CFFh.
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
D2EN
D1EN
LTEN
RC
0
0
1
1
1
1
1
1
1
1
The bit descriptions are shown in Table 11.
Table 11. Temperature Configuration Register Bit Descriptions
NAME
DEFAULT
R/W
DESCRIPTION
Remote temperature sensor D2 enable.
D2EN
1
R/W
If this bit = '1', D2 is enabled.
If this bit = '0', D2 is disabled.
Remote temperature sensor D1 enable.
D1EN
1
R/W
If this bit = '1', D1 is enabled.
If this bit = '0', D1 is disabled.
Local temperature sensor enable.
LTEN
1
R/W
If this bit = '1', LT is enabled.
If this bit = '0', LT is disabled.
Resistance correction enable.
RC
1
R/W
If this bit = '1', correction is enabled.
If this bit = '0', correction is disabled.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
61
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com