Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 23Page - Texas Instruments AMC7812SPAPR Datasheet HTML 24Page - Texas Instruments AMC7812SPAPR Datasheet HTML 25Page - Texas Instruments AMC7812SPAPR Datasheet HTML 26Page - Texas Instruments AMC7812SPAPR Datasheet HTML 27Page - Texas Instruments AMC7812SPAPR Datasheet HTML 28Page - Texas Instruments AMC7812SPAPR Datasheet HTML 29Page - Texas Instruments AMC7812SPAPR Datasheet HTML 30Page - Texas Instruments AMC7812SPAPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Logic Input Voltage (V)
IOVDD = 2.7V
IOVDD = 5V
TA = +25°C
Digital Input = CS
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
−40 −25 −10
5
20
35
50
65
80
95
110 125
TA (°C)
16 units
TQFP Package
G000
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
−40 −25 −10
5
20
35
50
65
80
95
110 125
TA (°C)
16 units
TQFP Package
Auto Conversion Mode Disabled
G000
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
−40 −25 −10
5
20
35
50
65
80
95
110 125
TA (°C )
10 Units
QFN Package
G001
−40 −25 −10
5
20
35
50
65
80
95
110 125
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
TA (°C )
10 Units
QFN Package
Auto Conversion Mode Disabled
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
TYPICAL CHARACTERISTICS: TEMPERATURE SENSOR
At +25°C, unless otherwise noted.
LOCAL TEMPERATURE ERROR vs TEMPERATURE
REMOTE TEMPERATURE ERROR vs TEMPERATURE
Figure 75.
Figure 76.
LOCAL TEMPERATURE ERROR vs TEMPERATURE
REMOTE TEMPERATURE ERROR vs TEMPERATURE
Figure 77.
Figure 78.
TYPICAL CHARACTERISTICS: DIGITAL INPUTS
At +25°C, unless otherwise noted.
SUPPLY CURRENT vs INPUT VOLTAGE
Figure 79.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com