Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAPR Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 62 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 58Page - Texas Instruments AMC7812SPAPR Datasheet HTML 59Page - Texas Instruments AMC7812SPAPR Datasheet HTML 60Page - Texas Instruments AMC7812SPAPR Datasheet HTML 61Page - Texas Instruments AMC7812SPAPR Datasheet HTML 62Page - Texas Instruments AMC7812SPAPR Datasheet HTML 63Page - Texas Instruments AMC7812SPAPR Datasheet HTML 64Page - Texas Instruments AMC7812SPAPR Datasheet HTML 65Page - Texas Instruments AMC7812SPAPR Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
TEMPERATURE CONVERSION RATE REGISTER (Read/Write, Address = 0Bh)
When using the SPI, the following bit configuration must be used; default = 0007h.
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
0
0
0
0
0
0
0
0
0
0
0
R2
R1
R0
When using the I2C interface, the following bit configuration must be used; default = 07FFh.
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
0
0
0
R2
R1
R0
1
1
1
1
1
1
1
1
The bit descriptions are shown in Table 12.
Table 12. Temperature Conversion Time
R2
R1
R0
CONVERSION TIME
0
0
0
128x minimum
0
0
1
64x minimum
0
1
0
32x minimum
0
1
1
16x minimum
1
0
0
8x minimum
1
0
1
4x minimum
1
1
0
2x minimum
1
1
1
Minimum cycle time
Table 13. Temperature Monitoring Cycle Time
MONITORING
TEMPERATURE SENSOR STATUS
CYCLE TIME
Local sensor is active, remote sensors are disabled or in power-down.
15ms
One remote sensor is active and RC = '0', local sensor and one remote sensor are disabled or in power-down.
44ms
One remote sensor is active and RC = '1', local sensor and one remote sensor are disabled or in power-down.
93ms
One remote sensor and local sensor are active and RC = '0', one remote sensor is disabled or in power-down.
59ms
One remote sensor and local sensor are active and RC = '1', one remote sensor is disabled or in power-down.
108ms
Two remote sensors are active and RC = '0', local sensor is disabled or in power-down.
88ms
Two remote sensors are active and RC = '1', local sensor is disabled or in power-down.
186ms
All sensors are active and RC = '0'.
103ms
All sensors are active and RC = '1'.
201ms
62
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com