Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 13Page - Texas Instruments AMC7812SPAPR Datasheet HTML 14Page - Texas Instruments AMC7812SPAPR Datasheet HTML 15Page - Texas Instruments AMC7812SPAPR Datasheet HTML 16Page - Texas Instruments AMC7812SPAPR Datasheet HTML 17Page - Texas Instruments AMC7812SPAPR Datasheet HTML 18Page - Texas Instruments AMC7812SPAPR Datasheet HTML 19Page - Texas Instruments AMC7812SPAPR Datasheet HTML 20Page - Texas Instruments AMC7812SPAPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
−40
−25
−10
5
20
35
50
65
80
95
110
TA (°C)
Gain = 2
VREF = 2.5V, Internal
Code = 020h
−5
−4
−3
−2
−1
0
1
2
3
4
5
−40
−25
−10
5
20
35
50
65
80
95
110
TA (°C)
Gain = 5
VREF = 2.5V, Internal
Code = 020h
TA =+25°C
Gain=5
VREF =2.5V,Internal
Code=020h
10884Channels
0
5
10
15
20
25
30
35
OffsetError(mV)
TA =+25°C
Gain=2
VREF =2.5V,Internal
Code=020h
2220Channels
0
5
10
15
20
25
30
35
OffsetError(mV)
−0.15
−0.1
−0.05
0
0.05
0.1
0.15
4.5
6
7.5
9
10.5
12
13.5
15
16.5
18
AVCC (V)
TA = +25°C
Gain = 2
VREF = 2.5V, Internal
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
12
13
14
15
16
17
18
AVCC (V)
TA = +25°C
Gain = 5
VREF = 2.5V, Internal
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
TYPICAL CHARACTERISTICS: DAC (continued)
At +25°C, unless otherwise noted.
GAIN ERROR vs SUPPLY
GAIN ERROR vs SUPPLY
Figure 24.
Figure 25.
OFFSET VOLTAGE
OFFSET VOLTAGE
Figure 26.
Figure 27.
OFFSET VOLTAGE vs TEMPERATURE
OFFSET VOLTAGE vs TEMPERATURE
Figure 28.
Figure 29.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com