Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAPR Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 67 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 63Page - Texas Instruments AMC7812SPAPR Datasheet HTML 64Page - Texas Instruments AMC7812SPAPR Datasheet HTML 65Page - Texas Instruments AMC7812SPAPR Datasheet HTML 66Page - Texas Instruments AMC7812SPAPR Datasheet HTML 67Page - Texas Instruments AMC7812SPAPR Datasheet HTML 68Page - Texas Instruments AMC7812SPAPR Datasheet HTML 69Page - Texas Instruments AMC7812SPAPR Datasheet HTML 70Page - Texas Instruments AMC7812SPAPR Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
AMC CONFIGURATION REGISTER 1 (Read/Write, Address = 4Dh, Default = 0070h)
Table 17. AMC Configuration Register 1
BIT
NAME
DEFAULT
R/W
DESCRIPTION
15
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
14
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
13
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
12
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
11
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
10
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
9
CONV-RATE-1
0
R/W
ADC conversion rate bit. See Table 18.
8
CONV-RATE-0
0
R/W
ADC conversion rate bit. See Table 18.
7
CH-FALR- CT-2
0
R/W
False alarm protection bit for CH0 to CH3. See Table 19.
6
CH-FALR- CT-1
1
R/W
False alarm protection bit for CH0 to CH3. See Table 19.
5
CH-FALR- CT-0
1
R/W
False alarm protection bit for CH0 to CH3. See Table 19.
4
TEMP-FALR- CT-1
1
R/W
False alarm protection bit for temperature monitor. See Table 20.
3
TEMP-FALR- CT-0
0
R/W
False alarm protection bit for temperature monitor. See Table 20.
2
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
1
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
0
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
Table 18. CONV-RATE-[1:0] Bit Settings
CONV-RATE-1
CONV-RATE-0
ADC CONVERSION RATE
0
0
500 kSPS, the specified rate (default)
0
1
½ of the specified rate
1
0
1/4 of the specified rate
1
1
1/8 of the specified rate
Table 19. CH-FALR-CT-[2:0] Bit Settings
N CONSECUTIVE SAMPLES
CH-FALR-CT-2
CH-FALR-CT-1
CH-FALR-CT-0
BEFORE ALARM IS SET
0
0
0
1
0
0
1
4
0
1
0
8
0
1
1
16 (default for CH-0 to CH-3)
1
0
0
32
1
0
1
64
1
1
0
128
1
1
1
256
Table 20. TEMP-FALR-CT-[1:0] Bit Settings
TEMP-FALR-CT-1
TEMP-FALR-CT-0
N CONSECUTIVE SAMPLES BEFORE ALARM IS SET
0
0
1
0
1
2
1
0
4 (default)
1
1
8
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com