Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAPR Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 47 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 43Page - Texas Instruments AMC7812SPAPR Datasheet HTML 44Page - Texas Instruments AMC7812SPAPR Datasheet HTML 45Page - Texas Instruments AMC7812SPAPR Datasheet HTML 46Page - Texas Instruments AMC7812SPAPR Datasheet HTML 47Page - Texas Instruments AMC7812SPAPR Datasheet HTML 48Page - Texas Instruments AMC7812SPAPR Datasheet HTML 49Page - Texas Instruments AMC7812SPAPR Datasheet HTML 50Page - Texas Instruments AMC7812SPAPR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
HighThreshold
LowThreshold
Hysteresis
Input
Hysteresis
OverHighAlarm
BelowLowAlarm
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
Hysteresis
The AMC7812 continuously monitors the analog input channels and temperatures. If any of the alarms are out of
range and the alarm is enabled, its alarm bit is set ('1'). However, the alarm condition is cleared only when the
conversion result returns to a value of at least hys below the value of High Threshold Register, or hys above the
value of Low Threshold Register. The Hysteresis Registers store the value for each analog input (CH0, CH1,
CH2, and CH3) and temperature (D1, D2, and LT). hys is the value of hysteresis that is programmable: 0 LSB to
127 LSB for analog input, and 0°C to +31°C for temperatures. For the THERM-ALR bit, the hysteresis is fixed at
8°C. The hysteresis behavior is shown in Figure 98.
Figure 98. Hysteresis
False Alarm Protection
As noted previously, the AMC7812 continuously monitors all analog inputs and temperatures in normal operation.
When any input is out of the specified range in N consecutive conversions, the corresponding alarm bit is set
('1'). If the input returns to the normal range before N consecutive times, the alarm bit remains clear ('0'). This
design avoids false alarms.
The number N is programmable by the CH-FALR-CT-[2:0] bits in AMC Configuration Register 1 for analog input
CH-n as shown in Table 6, or by the TEMP-FALR-CT-[1:0] bits for temperature monitors as shown in Table 7.
Table 6. Consecutive Sample Number for False Alarm Protection for CH-n
N CONSECUTIVE SAMPLES
CH-FALR-CT-2
CH-FALR-CT-1
CH-FALR-CT-0
BEFORE ALARM IS SET
0
0
0
1
0
0
1
4
0
1
0
8
0
1
1
16 (default)
1
0
0
32
1
0
1
64
1
1
0
128
1
1
1
256
Table 7. Consecutive Sample Number for False Alarm Protection for Temperature Channels
TEMP-FALR-CT-1
TEMP-FALR-CT-0
N CONSECUTIVE SAMPLES BEFORE ALARM IS SET
0
0
1
0
1
2
1
0
4 (default)
1
1
8
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com