Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAPR Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 43 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 39Page - Texas Instruments AMC7812SPAPR Datasheet HTML 40Page - Texas Instruments AMC7812SPAPR Datasheet HTML 41Page - Texas Instruments AMC7812SPAPR Datasheet HTML 42Page - Texas Instruments AMC7812SPAPR Datasheet HTML 43Page - Texas Instruments AMC7812SPAPR Datasheet HTML 44Page - Texas Instruments AMC7812SPAPR Datasheet HTML 45Page - Texas Instruments AMC7812SPAPR Datasheet HTML 46Page - Texas Instruments AMC7812SPAPR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 92 page
background image
1
0
DAC
Latch
DAC
CLR-nBitinHW-DAC-CLR- Register
n
ACLR- Bit
n
AlarmSource
DAC
CLR-Setting
Register
CLR-nBitinSW-DAC-CLR- Register
n
DAC-CLR-n Pin
DAC
DataRegister
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
Clear DACs
DAC-n can be cleared using hardware or software as shown in Figure 93. When DAC-n goes to a clear state, it
is immediately loaded with predefined code in the DAC-n-CLR-Setting Register, and the output is set to the
corresponding level to shut down the external LDMOS device. However, the DAC-DATA-n Register does not
change. When the DAC goes back to normal operation, DAC-n is immediately loaded with the previous data from
the DAC-DATA-n Register and the output of DAC-n-Out is set back to the previous level to restore LDMOS to the
status before shutdown, regardless of the SLDAC-n bit status.
Figure 93. Clearing DAC-n
The AMC7812 is implemented with two external control lines, the DAC-CLR-0 and DAC-CLR-1 pins, to clear the
DACs. When either pin goes low, the corresponding user-selected DACs are in a cleared state. The HW_DAC-
CLR-0 Register determines which DAC is cleared when the DAC-CLR-0 pin is low. The register contains 12 clear
bits (CLR-n), one per DAC. If the CLR-n bit = '1', DAC-n is in a cleared state when the DAC-CLR-0 pin is low.
However, if the CLR-n bit = '0', DAC-n does not change when the pin is low. Likewise, the HW-DAC-CLR-1
Register determines which DAC is cleared when the DAC-CLR-1 pin is low.
Writing directly to the SW_DAC_CLR Register puts the selected DACs in a cleared state. DACs can also be
forced into a clear state by alarm events. The AUTO-DAC-CLR-SOURCE Register specifies which alarm events
force the DACs into a clear state, and the AUTO-DAC-CLR-EN Register defines which DACs are forced into a
clear state. Refer to the AUTO-DAC-CLR-SOURCE and AUTO-DAC-CLR-EN Registers for further details.
DAC Output Thermal Protection
A significant amount of power can be dissipated in the DAC outputs. The AMC7812 is implemented with a
thermal protection circuit that sets the THERM-ALR bit in the Status Register if the die temperature exceeds
+150°C. The THERM-ALR bit can be used in combination with THERM-ALR-CLR (bit 2 in the AUTO-DAC-CLR-
SOURCE Register) and ACLR-n (bits[14:3] in the AUTO-DAC-CLR-EN Register) to set the DAC output to a
predefined code when this condition occurs. Note that this feature is disabled when the local temperature sensor
powers down.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com