Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 3Page - Texas Instruments AMC7812SPAPR Datasheet HTML 4Page - Texas Instruments AMC7812SPAPR Datasheet HTML 5Page - Texas Instruments AMC7812SPAPR Datasheet HTML 6Page - Texas Instruments AMC7812SPAPR Datasheet HTML 7Page - Texas Instruments AMC7812SPAPR Datasheet HTML 8Page - Texas Instruments AMC7812SPAPR Datasheet HTML 9Page - Texas Instruments AMC7812SPAPR Datasheet HTML 10Page - Texas Instruments AMC7812SPAPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
ADC-REF-IN/CMP
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
CH9
CH10
CH11
CH12
CH13
CH14
CH15
D1+
D2+
D1-
D2-
ALARM
DAV
RESET
REF-DAC
REF-OUT
Local
Temperature
Sensor
Remote
Temperature
Sensor
Driver
Out-of-Range
Alarms
Control
Logic
SerialInterfaceRegisterandControl
(SPI/I C)
2
DACsClearLogic
Control/Limits/Status
Registers
Trigger
Reference
(2.5V)
AMC7812
ADC
DAC-0
DAC-11
LOAD-DAC
DAC0-OUT
DAC1-OUT
DAC2-OUT
DAC3-OUT
DAC4-OUT
DAC5-OUT
DAC6-OUT
DAC7-OUT
DAC8-OUT
DAC9-OUT
DAC10-OUT
DAC11-OUT
DAC-CLR-0
DAC-CLR-1
GPIO-5
GPIO-4
GPIO-7
GPIO-6
GPIOController
GPIO-3
GPIO-0
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com