Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAPR Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 60 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 56Page - Texas Instruments AMC7812SPAPR Datasheet HTML 57Page - Texas Instruments AMC7812SPAPR Datasheet HTML 58Page - Texas Instruments AMC7812SPAPR Datasheet HTML 59Page - Texas Instruments AMC7812SPAPR Datasheet HTML 60Page - Texas Instruments AMC7812SPAPR Datasheet HTML 61Page - Texas Instruments AMC7812SPAPR Datasheet HTML 62Page - Texas Instruments AMC7812SPAPR Datasheet HTML 63Page - Texas Instruments AMC7812SPAPR Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
REGISTERS
REGISTER MAP
The AMC7812 has several 16-bit registers that consist of a high byte (8 MSBs) and a low byte (8 LSBs). An 8-bit
register pointer points to the proper register. The pointer does not change after the operation. Table 10 lists the
registers for the AMC7812. Note that the default values are for SPI operation; see the register descriptions for
I2C default values.
Table 10. Register Map
ADDRESS
DEFAULT
ADDRESS
DEFAULT
(HEX)
R/W
(HEX)
REGISTER
(HEX)
R/W
(HEX)
REGISTER
00
R
0000
LT-Temperature-Data
45
R/W
0000
DAC-6-CLR-Setting
01
R
0000
D1-Temperature-Data
46
R/W
0000
DAC-7-CLR-Setting
02
R
0000
D2-Temperature-Data
47
R/W
0000
DAC-8-CLR-Setting
0A
R/W
003C(1)
Temperature Configuration
48
R/W
0000
DAC-9-CLR-Setting
0B
R/W
0007(1)
Temperature Conversion Rate
49
R/W
0000
DAC-10-CLR-Setting
21
R/W
0000(1)
η-Factor Correction (for D1)
4A
R/W
0000
DAC-11-CLR-Setting
22
R/W
0000(1)
η-Factor Correction (for D2)
4B
R/W
00FF
GPIO
23
R
0000
ADC-0-Data
4C
R/W
2000
AMC Configuration 0
24
R
0000
ADC-1-Data
4D
R/W
0070
AMC Configuration 1
25
R
0000
ADC-2-Data
4E
R/W
0000
Alarm Control
26
R
0000
ADC-3-Data
4F
R
0000
Status
27
R
0000
ADC-4-Data
50
R/W
0000
ADC Channel 0
28
R
0000
ADC-5-Data
51
R/W
0000
ADC Channel 1
29
R
0000
ADC-6-Data
52
R/W
FFFF
ADC Gain
2A
R
0000
ADC-7-Data
53
R/W
0004
AUTO-DAC-CLR-SOURCE
2B
R
0000
ADC-8-Data
54
R/W
0000
AUTO-DAC-CLR-EN
2C
R
0000
ADC-9-Data
55
R/W
0000
SW-DAC-CLR
2D
R
0000
ADC-10-Data
56
R/W
0000
HW-DAC-CLR-EN-0
2E
R
0000
ADC-11-Data
57
R/W
0000
HW-DAC-CLR-EN-1
2F
R
0000
ADC-12-Data
58
R/W
0000
DAC Configuration
30
R
0000
ADC-13-Data
59
R/W
0000
DAC Gain
31
R
0000
ADC-14-Data
5A
R/W
0FFF
Input-0-High-Threshold
32
R
0000
ADC-15-Data
5B
R/W
0000
Input-0-Low-Threshold
33
R/W
0000
DAC-0-Data
5C
R/W
0FFF
Input-1-High-Threshold
34
R/W
0000
DAC-1-Data
5D
R/W
0000
Input-1-Low-Threshold
35
R/W
0000
DAC-2-Data
5E
R/W
0FFF
Input-2-High-Threshold
36
R/W
0000
DAC-3-Data
5F
R/W
0000
Input-2-Low-Threshold
37
R/W
0000
DAC-4-Data
60
R/W
0FFF
Input-3-High-Threshold
38
R/W
0000
DAC-5-Data
61
R/W
0000
Input-3-Low-Threshold
39
R/W
0000
DAC-6-Data
62
R/W
07FF
LT-High-Threshold
3A
R/W
0000
DAC-7-Data
63
R/W
0800
LT-Low-Threshold
3B
R/W
0000
DAC-8-Data
64
R/W
07FF
D1-High-Threshold
3C
R/W
0000
DAC-9-Data
65
R/W
0800
D1-Low-Threshold
3D
R/W
0000
DAC-10-Data
66
R/W
07FF
D2-High-Threshold
3E
R/W
0000
DAC-11-Data
67
R/W
0800
D2-Low-Threshold
3F
R/W
0000
DAC-0-CLR-Setting
68
R/W
0810
Hysteresis-0
40
R/W
0000
DAC-1-CLR-Setting
69
R/W
0810
Hysteresis-1
41
R/W
0000
DAC-2-CLR-Setting
6A
R/W
2108
Hysteresis-2
42
R/W
0000
DAC-3-CLR-Setting
6B
R/W
0000
Power-Down
43
R/W
0000
DAC-4-CLR-Setting
6C
R
1220
Device ID
44
R/W
0000
DAC-5-CLR-Setting
7C
R/W
N/A
Software Reset
(1)
See register descriptions for I2C default values.
60
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com