Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 12Page - Texas Instruments AMC7812SPAPR Datasheet HTML 13Page - Texas Instruments AMC7812SPAPR Datasheet HTML 14Page - Texas Instruments AMC7812SPAPR Datasheet HTML 15Page - Texas Instruments AMC7812SPAPR Datasheet HTML 16Page - Texas Instruments AMC7812SPAPR Datasheet HTML 17Page - Texas Instruments AMC7812SPAPR Datasheet HTML 18Page - Texas Instruments AMC7812SPAPR Datasheet HTML 19Page - Texas Instruments AMC7812SPAPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
−0.15
−0.1
−0.05
0
0.05
0.1
0.15
−40
−25
−10
5
20
35
50
65
80
95
110
TA (°C)
Gain = 2
VREF = 2.5V, Internal
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
−40
−25
−10
5
20
35
50
65
80
95
110
TA (°C)
Gain = 5
VREF = 2.5V, Internal
TA =+25°C
Gain=2
10884Channels
0
10
20
30
40
50
GainError(%FSR)
TA =+25°C
Gain=5
10368Channels
0
10
20
30
40
50
60
GainError(%FSR)
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2560
3072
3584
4096
Code
Ch0
Ch1
Ch2
Ch3
Ch4
Ch5
Ch6
Ch7
Ch8
Ch9
Ch10
Ch11
TA = +25°C
Gain = 2
VREF = 2.5V, Internal
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2560
3072
3584
4096
Code
Ch0
Ch1
Ch2
Ch3
Ch4
Ch5
Ch6
Ch7
Ch8
Ch9
Ch10
Ch11
TA = +25°C
Gain = 2
VREF = 2.5V, Internal
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS: DAC (continued)
At +25°C, unless otherwise noted.
DIFFERENTIAL LINEARITY ERROR vs CODE
LINEARITY ERROR vs CODE
Figure 18.
Figure 19.
GAIN ERROR
GAIN ERROR
Figure 20.
Figure 21.
GAIN ERROR vs TEMPERATURE
GAIN ERROR vs TEMPERATURE
Figure 22.
Figure 23.
16
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com