Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 4Page - Texas Instruments AMC7812SPAPR Datasheet HTML 5Page - Texas Instruments AMC7812SPAPR Datasheet HTML 6Page - Texas Instruments AMC7812SPAPR Datasheet HTML 7Page - Texas Instruments AMC7812SPAPR Datasheet HTML 8Page - Texas Instruments AMC7812SPAPR Datasheet HTML 9Page - Texas Instruments AMC7812SPAPR Datasheet HTML 10Page - Texas Instruments AMC7812SPAPR Datasheet HTML 11Page - Texas Instruments AMC7812SPAPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RESET
DAV
CNVT
CS
SDI/SDA
SCLK/SCL
DGND
IOV
DV
/A0
SDO/A1
A2
SPI/I2C
GPIO-0
GPIO-1
GPIO-2
GPIO-3
DD
DD
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
CH15
CH14
CH13
CH12
CH11
CH10
CH9
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RESET
DAV
CNVT
CS
SDI/SDA
SCLK/SCL
DGND
IOV
DV
/A0
SDO/A1
A2
SPI/I2C
GPIO-0
GPIO-1
GPIO-2
GPIO-3
DD
DD
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
CH15
CH14
CH13
CH12
CH11
CH10
CH9
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
PIN CONFIGURATION
RGC PACKAGE
PAP PACKAGE
QFN-64
HTQFP-64
(TOP VIEW)
(TOP VIEW)
PIN DESCRIPTIONS
PIN (QFN / HTQFP)
DESCRIPTION
NO.
NAME
1
RESET
Reset input, active low. Logic low on this pin causes the device to perform a hardware reset.
Data available indicator, active low output. In direct mode, the DAV pin goes low (active) when the conversion
2
DAV
ends. In auto mode, a 1µs pulse (active low) appears on this pin when a conversion cycle finishes (see the
Primary ADC Operation and Registers sections for details). DAV stays high when deactivated.
3
CNVT
External conversion trigger, active low. The falling edge starts the sampling and conversion of the ADC.
Serial interface data. SDI for the serial peripheral interface (SPI) when the SPI/I2C pin is high. SDA for I2C
4
SDI/SDA
when the SPI/I2C pin is low.
Serial clock input of the main serial interface. SPI clock when the SPI/I2C pin is high; I2C clock when the
5
SCLK/SCL
SPI/I2C pin is low.
6
DGND
Digital ground
7
IOVDD
Interface power supply
8
DVDD
Digital power supply (+3V to +5V). Must be the same value as AVDD.
Chip select signal for SPI when the SPI/I2C pin is high. Slave address selection A0 for I2C when the SPI/I2C
9
CS/A0
pin is low.
10
SDO/A1
SDO for SPI when the SPI/I2C pin is high. Slave address selection A1 for I2C when the SPI/I2C pin is low.
11
A2
Slave address selection A2 for I2C when the SPI/I2C pin is low.
Interface selection pin. Digital input. When this pin is tied to IOVDD, the SPI is enabled and the I
2C interface is
12
SPI/I2C
disabled. When this pin is tied to ground, the SPI is disabled and the I2C interface is enabled.
13
GPIO-0
14
GPIO-1
General-purpose digital input/output. This pin is a bidirectional open-drain, digital input/output, and requires an
external pull-up resistor. See the General Purpose Input/Output Pins section for more details.
15
GPIO-2
16
GPIO-3
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com