Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAPR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 35 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 31Page - Texas Instruments AMC7812SPAPR Datasheet HTML 32Page - Texas Instruments AMC7812SPAPR Datasheet HTML 33Page - Texas Instruments AMC7812SPAPR Datasheet HTML 34Page - Texas Instruments AMC7812SPAPR Datasheet HTML 35Page - Texas Instruments AMC7812SPAPR Datasheet HTML 36Page - Texas Instruments AMC7812SPAPR Datasheet HTML 37Page - Texas Instruments AMC7812SPAPR Datasheet HTML 38Page - Texas Instruments AMC7812SPAPR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
Remote
Temperature
Registers
LPFandSignal
Conditioning
Mux
SW1
I
LOW
SW2
I
HIGH
V
BIAS
D+
SecondADC
andSignal
Processing
D-
Diode
Temperature
Sensor
SW1
I
LOW
SecondADC
andSignal
Processing
LPFandSignal
Conditioning
Local
Temperature
Registers
Mux
SW2
I
HIGH
V
V
=
-
BE_HIGH
BE_LOW
ln
h
kT
q
()
I
I
HIGH
LOW
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
SECONDARY ADC/TEMPERATURE SENSOR OPERATION
The AMC7812 contains one local and two remote temperature sensors. The temperature sensors continuously
monitor the three temperature inputs, and new readings are automatically available every cycle. The on-chip
integrated temperature sensor (shown in Figure 86) is used to measure the device temperature, and two remote
diode sensor inputs are used to measure the two external temperatures. All analog signals are converted by the
secondary ADC that runs in the background at a lower speed. The measurement relies on the characteristics of
a semiconductor junction operation at a fixed current level. The forward voltage of the diode (VBE) depends on
the current passing through it and the ambient temperature. The change in VBE when the diode operates at two
different currents (a low current of ILOW and a high current of IHIGH, is shown in Equation 1:
Where:
k is Boltzmann's constant.
q is the charge of the carrier.
T is the absolute temperature in Kelvins (K).
η is the ideality of the transistor as sensor.
(1)
Figure 86. Integrated Local Temperature Sensor
The remote sensing transistor can be a discrete small-signal type transistor or substrate transistor built within the
microprocessor. This architecture is shown in Figure 87. An internal voltage source biases the D– terminal above
ground to prevent the ground noise from interfering with the measurement. An external capacitor (up to 330pF)
may be placed between D+ and D– to further reduce noise interference.
Figure 87. Remote Temperature Sensor
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com