Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAPR Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 77 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 73Page - Texas Instruments AMC7812SPAPR Datasheet HTML 74Page - Texas Instruments AMC7812SPAPR Datasheet HTML 75Page - Texas Instruments AMC7812SPAPR Datasheet HTML 76Page - Texas Instruments AMC7812SPAPR Datasheet HTML 77Page - Texas Instruments AMC7812SPAPR Datasheet HTML 78Page - Texas Instruments AMC7812SPAPR Datasheet HTML 79Page - Texas Instruments AMC7812SPAPR Datasheet HTML 80Page - Texas Instruments AMC7812SPAPR Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
TEMPERATURE THRESHOLD REGISTERS
LT-High-Threshold Register (Read/Write, Address = 62h, Default = 07FFh, +255.875°C)
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
0
0
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
11
10
9
8
7
6
5
4
3
2
1
0
Bits [15:12] = ‘0' when read back. Writing these bits causes no change
LT-Low-Threshold Register (Read/Write, Address = 63h, Default = 0800h, –256°C)
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
0
0
THRL
THRL
THRL
THRL
THRL
THRL
THRL
THRL
THRL
THRL
THRL
THRL
11
10
9
8
7
6
5
4
3
2
1
0
Bits [15:12] = Reserved. Writing to these bits causes no change. Reading these bits returns '0'.
D1-High-Threshold Register (Read/Write, Address = 64h, Default = 07FFh, +255.875°C)
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
0
0
0
0
11
10
9
8
7
6
5
4
3
2
1
0
Bits [15:12] = ‘0' when read back. Writing these bits causes no change
D1-Low-Threshold Register (Read/Write, Address = 65h, Default = 0800h, –256°C)
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
THRL
THRL
THRL
THRL
THRL
THRL
THRL
THRL
THRL
THRL
THRL
THRL
0
0
0
0
11
10
9
8
7
6
5
4
3
2
1
0
Bits [15:12] = ‘0' when read back. Writing these bits causes no change
D2-High-Threshold Register (Read/Write, Address = 66h, Default = 07FFh, +255.875°C)
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
0
0
0
0
11
10
9
8
7
6
5
4
3
2
1
0
Bits [15:12] = ‘0' when read back. Writing these bits causes no change
D2-Low-Threshold Register (Read/Write, Address = 67h, Default = 0800h, –256°C)
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
THRL
THRL
THRL
THRL
THRL
THRL
THRL
THRL
THRL
THRL
THRL
THRL
0
0
0
0
11
10
9
8
7
6
5
4
3
2
1
0
Bits [15:12] = ‘0' when read back. Writing these bits causes no change
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
77
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com