Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAPR Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 68 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 64Page - Texas Instruments AMC7812SPAPR Datasheet HTML 65Page - Texas Instruments AMC7812SPAPR Datasheet HTML 66Page - Texas Instruments AMC7812SPAPR Datasheet HTML 67Page - Texas Instruments AMC7812SPAPR Datasheet HTML 68Page - Texas Instruments AMC7812SPAPR Datasheet HTML 69Page - Texas Instruments AMC7812SPAPR Datasheet HTML 70Page - Texas Instruments AMC7812SPAPR Datasheet HTML 71Page - Texas Instruments AMC7812SPAPR Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
ALARM CONTROL REGISTER (Read/Write, Address = 4Eh, Default = 0000h)
The Alarm Control Register determines whether the ALARM pin is accessed when a corresponding alarm event
occurs. However, this register does not affect the status bit in the Status Register. Note that the thermal alarm is
always enabled. When the THERM_ALR bit = '1', the ALARM pin goes low, if the pin is enabled.
Table 21. Alarm Control Register
BIT
NAME
DEFAULT
R/W
DESCRIPTION
15
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
CH0 and (CH0+/CH1–) alarm enable bit.
If EALR-CH0 = '1', the alarm is enabled, the CH0-ALR bit is set, and the ALARM pin goes
14
EALR-CH0
0
R/W
low (if enabled) when the input of CH0 or (CH0+/CH1–) is out of range.
If EALR-CH0 = '0', the alarm is masked. When the input of CH0 or (CH0+/CH1–) is out of
range, the ALARM pin does not go low, but the CH0-ALR bit is set.
CH1 alarm enable bit.
If EALR-CH1 = '1', the alarm is enabled, the CH1-ALR bit is set, and the ALARM pin goes
13
EALR-CH1
0
R/W
low (if enabled) when the input of CH1 is out of range.
If EALR-CH1 = '0', the alarm is masked. When the input of CH1 is out of range, the
ALARM pin does not go low, but the CH1-ALR bit is set.
CH2 and (CH2+/CH3–) alarm enable bit.
If EALR-CH2 = '1', the alarm is enabled, the CH2-ALR bit is set, and the ALARM pin goes
12
EALR-CH2
0
R/W
low (if enabled) when the input of CH2 or (CH2+/CH3–) is out of range.
If EALR-CH2 = '0', the alarm is masked. When the input of CH2 or (CH2+/CH3–) is out of
range, the ALARM pin does not go low, but the CH2-ALR bit is set.
CH3 alarm enable bit.
If EALR-CH3 = '1', the alarm is enabled, the CH3-ALR bit is set, and the ALARM pin goes
11
EALR-CH3
0
R/W
low (if enabled) when the input of CH3 is out of range.
If EALR-CH3 = '0', the alarm is masked. When the input of CH3 is out of range, the
ALARM pin does not go low, but the CH3-ALR bit is set.
Local sensor low alarm enable bit.
If EALR-LT-Low = '1', the LT-Low alarm is enabled. When LT is below the specified range,
10
EALR-LT-Low
0
R/W
the LT-Low-ALR bit is set ('1') and the ALARM pin goes low (if enabled).
If EALR-LT-Low = '0', the LT-Low alarm is masked. When LT is below the specified range,
the ALARM pin does not go low, but the LT-Low-ALR bit is set.
Local sensor high alarm enable bit.
If EALR-LT-High = '1', the LT-High alarm is enabled. When LT is above the specified
9
EALR-LT-High
0
R/W
range, the LT-High-ALR bit is set ('1') and the ALARM pin goes low (if enabled).
If EALR-LT-High = '0', the LT-High alarm is masked. When LT is above the specified
range, the ALARM pin does not go low, but the LT-High-ALR bit is set.
D1 low alarm enable bit.
If EALR-D1-Low = '1', the D1-Low alarm is enabled. When D1 is below the specified range,
8
EALR-D1-Low
0
R/W
the D1-Low-ALR bit is set ('1'), and the ALARM pin goes low (if enabled).
If EALR-D1-Low = '0', the D1-Low alarm is masked. When D1 is below the specified range,
the ALARM pin does not go low, but the D1-Low-ALR bit is set.
D1 high alarm enable bit.
If EALR-D1-High = '1', the D1-High alarm is enabled. When D1 is above the specified
7
EALR-D1-High
0
R/W
range, the D1-High-ALR bit is set ('1'), and the ALARM pin goes low (if enabled).
If EALR-D1-High = '0', the D1-High alarm is masked. When D1 is above the specified
range, the ALARM pin does not go low, but the D1-High-ALR bit is set.
D2 low alarm enable bit.
If EALR-D2-Low = '1', the D2-Low alarm is enabled. When D2 is below the specified range,
6
EALR-D2-Low
0
R/W
the D2-Low-ALR bit is set ('1'), and the ALARM pin goes low (if enabled).
If EALR-D2-Low = '0', the D2-Low alarm is masked. When D2 is below the specified range,
the ALARM pin does not go low, but the D2-Low-ALR bit is set.
D2 high alarm enable bit.
If EALR-D2-High = '1', the D2-High alarm is enabled. When D2 is above the specified
5
EALR-D2-High
0
R/W
range, the D2-High-ALR bit is set ('1'), and the ALARM pin goes low (if enabled).
If EALR-D2-High = '0', the D2-High alarm is masked. When D2 is above the specified
range, the ALARM pin does not go low, but the D2-High-ALR bit is set.
D1 fail alarm enable bit.
If EALR-D1-FAIL = '1', the D1-Fail alarm is enabled. When D1 fails, the D1-FAIL-ALR bit is
4
EALR-D1-FAIL
0
R/W
set ('1'), the ALARM pin goes low (if enabled).
If EALR-D1-FAIL = '0', the D1-FAIL alarm is masked. When D1 fails, the ALARM pin does
not go low, but the D1-FAIL-ALR bit is set.
68
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com