Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TO-GPIO Datasheet(PDF) 16 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 16 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 12Page - Texas Instruments USB-TO-GPIO Datasheet HTML 13Page - Texas Instruments USB-TO-GPIO Datasheet HTML 14Page - Texas Instruments USB-TO-GPIO Datasheet HTML 15Page - Texas Instruments USB-TO-GPIO Datasheet HTML 16Page - Texas Instruments USB-TO-GPIO Datasheet HTML 17Page - Texas Instruments USB-TO-GPIO Datasheet HTML 18Page - Texas Instruments USB-TO-GPIO Datasheet HTML 19Page - Texas Instruments USB-TO-GPIO Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
www.ti.com
3.7
EEPROM Read Command and Response
3.8
Set Pullup Resistors Command and Response
EEPROM Read Command and Response
USB PACKET
COMMAND
BYTE 0
USB PACKET USB PACKET
USB PACKET USB PACKET USB PACKET
USB PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6–63
CODE
A = Starting
B = Starting
C (# of bytes
EEPROM Read
0x19
C
≤ 60
address MSB
address LSB
to read)
USB PACKET
COMMAND
BYTE 0
USB PACKET USB PACKET
USB PACKET USB PACKET USB PACKET
USB PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6–63
CODE
Response from
Success: 0
0x99
C number of bytes read back from EEPROM (up to 32 bytes)
EEPROM Read
Fail: 1
This command works with the EEPROM Program command to verify if the firmware image has been
programmed into the EEPROM correctly. For the best efficiency, try to read a block of 32 bytes at a time
by calling this command.
USB PACKET
COMMAND
BYTE 0
USB PACKET USB PACKET
USB PACKET USB PACKET USB PACKET
USB PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6–63
CODE
0x00 for no
pullups
(switched off),
0x01 for
2.2 k
Ω, 0x02
Set Pullup
for 1 k
Ω, 0x03
0x1A
A (for SDA)
B (for SCL)
C (for ALERT)
Resistors
for 688
Ω.
For ALERT,
the option is
either open
(0x00) or
2.2 k
Ω (0x01).
USB PACKET
COMMAND
BYTE 0
USB PACKET USB PACKET
USB PACKET USB PACKET USB PACKET
USB PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6–63
CODE
Response from
Pullups have
Success: 0
Set Pullup
0x9A
been
Fail: 1
Resistors
configured
Byte A is for the DATA line for I2C, PMBUS, or SMBUS communications; byte B is for the CLOCK line for
I2C, PMBUS, or SMBUS communications; byte C is for the ALERT line for PMBUS communications. If a
slave device can provide one or multiple pullup resistors, switch off the pullups for DATA, SCL, or ALERT
line accordingly.
Firmware Programming and Communications Protocol
16
SLLU093 – August 2006
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com