Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TO-GPIO Datasheet(PDF) 37 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 37 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 33Page - Texas Instruments USB-TO-GPIO Datasheet HTML 34Page - Texas Instruments USB-TO-GPIO Datasheet HTML 35Page - Texas Instruments USB-TO-GPIO Datasheet HTML 36Page - Texas Instruments USB-TO-GPIO Datasheet HTML 37Page - Texas Instruments USB-TO-GPIO Datasheet HTML 38Page - Texas Instruments USB-TO-GPIO Datasheet HTML 39Page - Texas Instruments USB-TO-GPIO Datasheet HTML 40Page - Texas Instruments USB-TO-GPIO Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
A.1
Host PC to USB Interface Adapter Commands
Appendix A
SLLU093 – August 2006
Lists of Communication Protocol
This appendix contains a list of communication commands that can be sent from a host
PC to the USB interface adapter, as well as a list of communication commands that
can be sent from the USB interface adapter to the host PC.
USB
PACKET
USB
USB
USB
USB
USB
COMMAND
USB PACKET
BYTE 0
PACKET
PACKET
PACKET
PACKET
PACKET
COMMENTS
DESCRIPTION
BYTES 6-63
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
CODE
Firmware
0x00
See Chapter 4
Version
C number of bytes (from 1 up to
0x14
A
B
C
I2C Write
60 bytes) to write
D (from 1 to
0x15
A
B
C
I2C Read
62 bytes)
B does not
A (bit.x=1 for
apply to port 0
Read/Write
read/input,
B (byte to
read. Each
0x16
Port 0
bit.x=0 for
write)
GPIO can be
write/output)
configured as
input or output.
EEPROM
A = Starting
B = Starting
C (# of bytes
Data to be programmed into EEPROM
0x18
Program
address MSB
address LSB
to program)
(up to 32 bytes)
A = Starting
B = Starting
C (# of bytes
EEPROM Read
0x19
C
≤ 60
address MSB
address LSB
to program)
0x00 for no
pullups (switch
off), 0x01 for
2.2 k
Ω, 0x02
Set Pullup
C (for
for 1 k
Ω, 0x03
0x1A
A (for SDA)
B (for SCL)
Resistors
ALERT)
for 688
Ω. For
ALERT, the
option is either
open (0x00) or
2.2 k
Ω (0x01).
A (0 for
Set
100 kHz,
0x1B
I2C/PMBUS/SM
otherwise
BUS Speed
400 kHz)
The first byte of
data to write is
Generic I2C
0x1C
A
A number of bytes (from 2 up to 62) to write
usually (device
Write
address << 1) +
write bit 0.
X # of
Y = 1st
bytes
The first byte of
byte to
(1 to 62)
data to write is
write +
Generic I2C
0x1D
A
A number of bytes (2 to 60) to write
to read
usually (device
read bit 1
Read
back
address << 1) +
USB
USB
write bit 0.
Byte 62
Byte 63
SLLU093 – August 2006
Lists of Communication Protocol
37
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com