Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TO-GPIO Datasheet(PDF) 38 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 38 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 34Page - Texas Instruments USB-TO-GPIO Datasheet HTML 35Page - Texas Instruments USB-TO-GPIO Datasheet HTML 36Page - Texas Instruments USB-TO-GPIO Datasheet HTML 37Page - Texas Instruments USB-TO-GPIO Datasheet HTML 38Page - Texas Instruments USB-TO-GPIO Datasheet HTML 39Page - Texas Instruments USB-TO-GPIO Datasheet HTML 40Page - Texas Instruments USB-TO-GPIO Datasheet HTML 41Page - Texas Instruments USB-TO-GPIO Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
www.ti.com
A.2
USB Interface Adapter to Host PC Response Commands
USB Interface Adapter to Host PC Response Commands
USB
PACKET
USB
USB
USB
USB
USB
COMMAND
USB PACKET
BYTE 0
PACKET
PACKET
PACKET
PACKET
PACKET
COMMENTS
DESCRIPTION
BYTES 6-63
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
CODE
Start toggling
eight LEDs
connected to
Board Test
0x1F
the eight GPIO
pins
simultaneously
for 5 s.
Note:
See Chapter 3 for detailed explanation of each command.
USB PACKET
COMMAND
BYTE 0
USB PACKET USB PACKET
USB PACKET USB PACKET USB PACKET
USB PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6-63
CODE
Response from
Family
Main version
Minor version
Firmware
0x80
number
(0 to 255)
(0 to 255)
Version
(0 to 255)
Response from
Success: 0
0x94
Fail: 1
I2C Write
Response from
Success: 0
0x95
D number of bytes read
Fail: 1
I2C Read
Response from
Success: 0
Byte read
Read/Write
0x96
Fail: 1
from port 0
Port 0
Response from
Success: 0
EEPROM
0x98
Fail: 1
Program
Response from
Success: 0
0x99
C number of bytes read back from EEPROM (up to 32 bytes)
EEPROM Read
Fail: 1
Response from
Success: 0
Pullups have
Set Pullup
0x9A
Fail: 1
been set.
Resistors
Response from
Done with
Set
0x9B
speed
I2C/PMBUS/SM
selection.
BUS Speed
Response from
Success: 0
0x9C
Generic I2C
Fail: 1
Write
Response from
Success: 0
0x9D
X number of bytes (1 to 62) read back from slave
Generic I2C
Fail: 1
Read
Response from
Board test is
0xFF
Board Test
done.
Note:
See Chapter 3 for detailed explanation of each command.
38
Lists of Communication Protocol
SLLU093 – August 2006
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com