Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TO-GPIO Datasheet(PDF) 42 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 42 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 38Page - Texas Instruments USB-TO-GPIO Datasheet HTML 39Page - Texas Instruments USB-TO-GPIO Datasheet HTML 40Page - Texas Instruments USB-TO-GPIO Datasheet HTML 41Page - Texas Instruments USB-TO-GPIO Datasheet HTML 42Page - Texas Instruments USB-TO-GPIO Datasheet HTML 43Page - Texas Instruments USB-TO-GPIO Datasheet HTML 44Page - Texas Instruments USB-TO-GPIO Datasheet HTML 45Page - Texas Instruments USB-TO-GPIO Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
www.ti.com
B.9
List of USB Interface Adapter to Host PC Response Commands
List of USB Interface Adapter to Host PC Response Commands
Table B-2. USB Interface Adapter to Host PC Response Commands
USB PACKET
COMMAND
BYTE 0
USB PACKET USB PACKET
USB PACKET USB PACKET USB PACKET
USB PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6–63
CODE
Response from
Success: 0
0x81
Send Byte
Fail: 1
Response from
Success: 0
Byte read
0x82
Receive Byte
Fail: 1
from slave
Response from
Success: 0
0x83
Write Byte
Fail: 1
Response from
Success: 0
0x84
Write Word
Fail: 1
Response from
Success: 0
Byte read
0x85
Read Byte
Fail: 1
from slave
Low byte of
High byte of
Response from
Success: 0
0x86
word read
word read
Read Word
Fail: 1
from slave
from slave
Low byte of
High byte of
Response from
Success: 0
0x87
word read
word read
Process Call
Fail: 1
from slave
from slave
Response from
Success: 0
0x88
Block Write
Fail: 1
Response from
Success: 0
0x89
X
X number of bytes read from slave (up to 32 bytes)
Block Read
Fail: 1
Response from
Block Read –
Success: 0
0x8A
X
X number of bytes read from slave (up to 31 bytes)
Block Write
Fail: 1
Process Call
Response from
Success: 0
Group
0x8B
Fail: 1
Command
Response from
Assert/Deassert
Success: 0
0x8C
CONTROL
Fail: 1
Lines
Bit 0 for
CONTROL 1,
…,
Response from
bit 4 for
Logic high for
Poll PMBUS
0x8F
CONTROL 5,
1, logic low for
Signal Lines
bit 5 for
0
ALERT,
bits 6 and 7
not used
Response from
Success: 0
Turn On/Off
0x91
Fail: 1
PEC
See the following sections for detailed explanation of each command.
PMBUS/SMBUS Communications
42
SLLU093 – August 2006
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com