Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TO-GPIO Datasheet(PDF) 45 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 45 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 41Page - Texas Instruments USB-TO-GPIO Datasheet HTML 42Page - Texas Instruments USB-TO-GPIO Datasheet HTML 43Page - Texas Instruments USB-TO-GPIO Datasheet HTML 44Page - Texas Instruments USB-TO-GPIO Datasheet HTML 45Page - Texas Instruments USB-TO-GPIO Datasheet HTML 46Page - Texas Instruments USB-TO-GPIO Datasheet HTML 47Page - Texas Instruments USB-TO-GPIO Datasheet HTML 48Page - Texas Instruments USB-TO-GPIO Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
www.ti.com
B.15 Read Word Command and Response
B.16 Process Call Command and Response
Read Word Command and Response
USB PACKET
COMMAND
BYTE 0
USB PACKET USB PACKET
USB PACKET USB PACKET USB PACKET
USB PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6–63
CODE
Read Word
0x06
A
B
C
USB PACKET
COMMAND
BYTE 0
USB PACKET USB PACKET
USB PACKET USB PACKET USB PACKET
USB PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6–63
CODE
Low byte of
High byte of
Response from
Success: 0
0x86
word read
word read
Read Word
Fail: 1
from slave
from slave
The following describes the detailed bit banking of the Read Word command (with PEC on):
PMBUS/SMBUS start
→ write A (= slave address shifted left by 1 bit + write bit of 0) → slave ACK
→ write B (a command byte defined by PMBUS or SMBUS) → slave ACK → repeated start → write
C (= slave address shifted left by 1 bit + read bit of 1)
→ slave ACK → read in the low byte of a data
word from slave
→ master ACK → read in the high byte of the data word from slave → master ACK
→ read in PEC byte from slave → master NACK → PMBUS/SMBUS stop
USB PACKET
COMMAND
BYTE 0
USB PACKET USB PACKET
USB PACKET USB PACKET USB PACKET
USB PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6–63
CODE
Process Call
0x07
A
B
C
D
E
USB PACKET
COMMAND
BYTE 0
USB PACKET USB PACKET
USB PACKET USB PACKET USB PACKET
USB PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6–63
CODE
Low byte of
High byte of
Response from
Success: 0
0x87
word read
word read
Process Call
Fail: 1
from slave
from slave
The following describes the detailed bit banking of the Process Call command (with PEC on):
PMBUS/SMBUS start
→ write A (= slave address shifted left by 1 bit + write bit of 0) → slave ACK
→ write B (a command byte defined by PMBUS or SMBUS) → slave ACK → write C (low byte of a
data word)
→ slave ACK → write D (high byte of the data word) → slave ACK → repeated start →
write E (= slave address shifted left by 1 bit + read bit of 1)
→ slave ACK → read in the low byte of
a data word from slave
→ master ACK → read in the high byte of the data word from slave →
master ACK
→ read in PEC byte from slave → master NACK → PMBUS/SMBUS stop
SLLU093 – August 2006
PMBUS/SMBUS Communications
45
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com