Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TO-GPIO Datasheet(PDF) 7 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 7 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 3Page - Texas Instruments USB-TO-GPIO Datasheet HTML 4Page - Texas Instruments USB-TO-GPIO Datasheet HTML 5Page - Texas Instruments USB-TO-GPIO Datasheet HTML 6Page - Texas Instruments USB-TO-GPIO Datasheet HTML 7Page - Texas Instruments USB-TO-GPIO Datasheet HTML 8Page - Texas Instruments USB-TO-GPIO Datasheet HTML 9Page - Texas Instruments USB-TO-GPIO Datasheet HTML 10Page - Texas Instruments USB-TO-GPIO Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
CAUTION
This EVM contains components that can potentially be damaged by electrostatic
discharge. Always transport and store the EVM in its supplied ESD bag when
not in use. Handle using an antistatic wristband. Operate on an antistatic work
surface. For more information on proper handling, refer to SSYA008.
WARNING
By default, the I C data and clock lines are pulled up
to 3.3 V. If internal
pullup resistors are not used and external ones are used instead, please make
sure to pull up to 3.3 V only. Operation from 5 V is not specified and may
permanently damage this USB Interface Adapter EVM.
2
internally
Preface
SLLU093 – August 2006
Read This First
About This Manual
This user's guide describes the functions and operation of the USB Interface Adapter evaluation module,
from different aspects of hardware design, firmware programming, communication protocols, GUI and PC
libraries, etc.
How to Use This Manual
This document contains the following chapters:
• Chapter 1 – Introduction
• Chapter 2 – Summary of Hardware Design
• Chapter 3 – Firmware Programming and Communications Protocol
• Chapter 4 – Firmware Versioning Scheme
• Chapter 5 – GUI and PC Libraries
• Chapter 6 – Schematic, Bill of Materials, and PCB Layout
Information About Cautions and Warnings
The information in a caution or a warning is provided for your protection. Please read each caution and
warning carefully.
SLLU093 – August 2006
Read This First
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com