Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TO-GPIO Datasheet(PDF) 18 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 18 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 14Page - Texas Instruments USB-TO-GPIO Datasheet HTML 15Page - Texas Instruments USB-TO-GPIO Datasheet HTML 16Page - Texas Instruments USB-TO-GPIO Datasheet HTML 17Page - Texas Instruments USB-TO-GPIO Datasheet HTML 18Page - Texas Instruments USB-TO-GPIO Datasheet HTML 19Page - Texas Instruments USB-TO-GPIO Datasheet HTML 20Page - Texas Instruments USB-TO-GPIO Datasheet HTML 21Page - Texas Instruments USB-TO-GPIO Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
www.ti.com
3.11 Generic I2C Read Command and Response
3.12 Board Test Command and Response
3.13 Other Commands for Different Applications
Generic I2C Read Command and Response
USB PACKET
USB
USB
USB
USB
USB
COMMAND
BYTE 0
USB PACKET
PACKET
PACKET
PACKET
PACKET
PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTES 6–63
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
CODE
Y = 1st
X # of
The 1st byte
byte to
bytes (1
of data to
write +
to 62) to
write is usually
Generic I2C
0x1D
A
A number of bytes (2 to 60) to write
read bit 1
read back
(device
Read
USB
USB
address < 1 +
byte 62
byte 63
write bit of 0).
USB PACKET
USB
USB
USB
USB
USB
COMMAND
BYTE 0
USB PACKET
PACKET
PACKET
PACKET
PACKET
PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTES 6-63
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
CODE
Response from
Success: 0
0x9D
X number of bytes (1 to 62) read back from slave
Generic I2C
Fail: 1
Read
This is a generic I2C Read transaction command that can be applied to majority of I2C applications. The
detailed bit-banking is as follows: I2C start
→ repeat (write 1 data byte, slave ACK) for A number of
times
→ repeated start → write Y → slave ACK → read X number of bytes (with master ACKs in
between) from a slave
→ master NACK → I2C stop.
Basically, all the transaction bytes are placed one after another, such as address byte (7-bit slave address
shifted left by 1 bit + write bit of 0), one or multiple command bytes, then repeated start, write address
byte Y (7-bit slave address shifted left by 1 bit + read bit of 1), and read back x number of bytes from the
slave device being addressed. The USB interface adapter carries out the bit banking. For maximum
flexibility, this generic command for any I2C read transactions is recommended.
USB
PACKET
USB
USB
USB
USB
USB
USB
COMMAND
BYTE 0
PACKET
PACKET
PACKET
PACKET
PACKET
PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6-63
CODE
Start toggling eight
LEDs connected to the
Board Test
0x7F
eight GPIO pins
simultaneously for 5 s.
USB
PACKET
USB
USB
USB
USB
USB
USB
COMMAND
BYTE 0
PACKET
PACKET
PACKET
PACKET
PACKET
PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6-63
CODE
Response from
0xFF
Board test is done
Board Test
This command is for internal testing of USB interface adapter evaluation boards during production only.
Do not use this command for any other application.
For applications other than I2C/GPIO, such as PMBUS, SMBUS, HDQ, etc., see the corresponding
literature for more details.
18
Firmware Programming and Communications Protocol
SLLU093 – August 2006
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com