Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TO-GPIO Datasheet(PDF) 12 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 12 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 8Page - Texas Instruments USB-TO-GPIO Datasheet HTML 9Page - Texas Instruments USB-TO-GPIO Datasheet HTML 10Page - Texas Instruments USB-TO-GPIO Datasheet HTML 11Page - Texas Instruments USB-TO-GPIO Datasheet HTML 12Page - Texas Instruments USB-TO-GPIO Datasheet HTML 13Page - Texas Instruments USB-TO-GPIO Datasheet HTML 14Page - Texas Instruments USB-TO-GPIO Datasheet HTML 15Page - Texas Instruments USB-TO-GPIO Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
www.ti.com
2.3
Configuration of Pullup Resistors for Pins 8, 9, and 10
2.4
EEPROM
2.5
LED Indication of USB Attached
Configuration of Pullup Resistors for Pins 8, 9, and 10
The pullups for pins 8, 9, and 10 (see the schematic in Chapter 6) are configurable through
communications with the embedded firmware in the TUSB3210 (see the command Set Pullup Resistors in
Chapter 3). The default setting is for all these three pins to have pullups of 2.2 k
Ω. Table 2-2 lists the
possible options for each pin.
Table 2-2. Configurable Options of Pullup Resistors for Pins 8, 9, and 10
PULLUP RESISTOR
OPTION 1
OPTION 2
OPTION 3
OPTION 4
OPTION (BYTE VALUE)
(0x00)
(0x01) (DEFAULT)
(0x02)
(0x03)
Pin 8 of J2: ALERT line
No pullup (open)
2.2 k
Ω
N/A
N/A
Pin 9 of J2: CLOCK line
No pullup (open)
2.2 k
Ω
1 k
Ω
688
Ω
Pin 10 of J2: DATA line
No pullup (open)
2.2 k
Ω
1 k
Ω
688
Ω
The embedded firmware is stored in a 64-Kbits EEPROM (see U1 in the schematic in Chapter 6). The
firmware is field programmable (see Chapter 5 for more information). Jumper shunt J1 is normally closed
and is used for firmware development only. On power up, the TUSB3210 downloads the firmware image
from the EEPROM to the internal static RAM and starts firmware execution (first with USB enumeration)
from there.
A green LED is mounted next to the USB connector on the evaluation board. Every time the USB interface
adapter is attached to a PC via a USB cable, and if the host PC detects it and goes through USB
enumeration successfully, the embedded firmware illuminates the green LED (D1) to indicate that;
otherwise, the LED remains off. After unplugging the USB cable, the LED turns off immediately.
12
Summary of Hardware Design
SLLU093 – August 2006
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com