Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TO-GPIO Datasheet(PDF) 9 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 9 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 5Page - Texas Instruments USB-TO-GPIO Datasheet HTML 6Page - Texas Instruments USB-TO-GPIO Datasheet HTML 7Page - Texas Instruments USB-TO-GPIO Datasheet HTML 8Page - Texas Instruments USB-TO-GPIO Datasheet HTML 9Page - Texas Instruments USB-TO-GPIO Datasheet HTML 10Page - Texas Instruments USB-TO-GPIO Datasheet HTML 11Page - Texas Instruments USB-TO-GPIO Datasheet HTML 12Page - Texas Instruments USB-TO-GPIO Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
1.1
List of Hardware Items for Operation
10-Pin Ribbon Cable
LED Indication of
USB Attached
USB Cable
Chapter 1
SLLU093 – August 2006
Introduction
This EVM serves as an interface adapter or a bridge between a host PC (IBM™
compatible) and one or multiple slave devices via a standard type-A to mini-B USB
cable. The communication between the USB interface adapter and the host PC is via
USB, while the communication between the USB interface adapter and the slave
device(s) is via an inter-integrated circuit (I2C) and/or general-purpose inputs/outputs
GPIOs. The bridge converts communication transactions between the USB and
I2C/GPIO.
Note:
For the USB interface adapter to communicate with multiple I2C
slaves, build a special 10-pin ribbon cable with multiple connector(s),
so that all the I2C slave devices can be daisy-chained together on
the same ribbon cable.
In order to operate this USB interface adapter, the following items are required (see Figure 1-1):
• USB interface adapter in an enclosure
• Standard type-A to type-mini-B (5-pin) USB cable
• 10-pin ribbon cable with connectors on both ends
Figure 1-1. Connection of USB Interface Adapter, USB Cable, and Ribbon Cable
SLLU093 – August 2006
Introduction
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com