Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TO-GPIO Datasheet(PDF) 41 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 41 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 37Page - Texas Instruments USB-TO-GPIO Datasheet HTML 38Page - Texas Instruments USB-TO-GPIO Datasheet HTML 39Page - Texas Instruments USB-TO-GPIO Datasheet HTML 40Page - Texas Instruments USB-TO-GPIO Datasheet HTML 41Page - Texas Instruments USB-TO-GPIO Datasheet HTML 42Page - Texas Instruments USB-TO-GPIO Datasheet HTML 43Page - Texas Instruments USB-TO-GPIO Datasheet HTML 44Page - Texas Instruments USB-TO-GPIO Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
www.ti.com
B.8
List of Host PC to USB Interface Adapter Commands
List of Host PC to USB Interface Adapter Commands
Table B-1. Host PC to USB Interface Adapter Commands
USB PACKET
COMMAND
BYTE 0
USB PACKET USB PACKET
USB PACKET USB PACKET USB PACKET
USB PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6–63
CODE
Send Byte
0x01
A
B
Receive Byte
0x02
A
Write Byte
0x03
A
B
C
Write Word
0x04
A
B
C
D
Read Byte
0x05
A
B
C
Read Word
0x06
A
B
C
Process Call
0x07
A
B
C
D
E
Block Write
0x08
A
B
C
C number of bytes (from 1 to 32 bytes) to write
Block Read
0x09
A
B
C
Block Read –
C number of bytes (from 1 to
Block Write
0x0A
A
B
C
D
31 bytes) to write
Process Call
Write 0 to D if
Group
D (0xFF for
C number of bytes (from 1 to
0x0B
A
B
C
not for the last
Command
last packet)
32 bytes) to write
packet
Bit logic 1 for
Assert\Deassert
Bit 0 for line 1,
assert, bit
CONTROL
0x0C
...,
logic 0 for
Lines
bit 4 for line 5
deassert
Poll PMBUS
0x0F
Signal Lines
Turn On/Off
0 for off,
0x11
PEC
otherwise on
SLLU093 – August 2006
PMBUS/SMBUS Communications
41
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com