Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TO-GPIO Datasheet(PDF) 15 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 15 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 11Page - Texas Instruments USB-TO-GPIO Datasheet HTML 12Page - Texas Instruments USB-TO-GPIO Datasheet HTML 13Page - Texas Instruments USB-TO-GPIO Datasheet HTML 14Page - Texas Instruments USB-TO-GPIO Datasheet HTML 15Page - Texas Instruments USB-TO-GPIO Datasheet HTML 16Page - Texas Instruments USB-TO-GPIO Datasheet HTML 17Page - Texas Instruments USB-TO-GPIO Datasheet HTML 18Page - Texas Instruments USB-TO-GPIO Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
www.ti.com
3.5
Read/Write Port 0 Command and Response
3.6
EEPROM Program Command and Response
Read/Write Port 0 Command and Response
USB PACKET
COMMAND
BYTE 0
USB PACKET USB PACKET
USB PACKET USB PACKET USB PACKET
USB PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6–63
CODE
B does not
A
apply to port 0
(bit.x=1 for
read. Each
Read/Write
B
0x16
read/input,
GPIO can be
Port 0
(byte to write)
bit.x=0 for
configured as
write /output)
input or
output.
USB PACKET
COMMAND
BYTE 0
USB PACKET USB PACKET
USB PACKET USB PACKET USB PACKET
USB PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6–63
CODE
Response from
Success: 0
Byte read
Read/Write
0x96
Fail: 1
from port 0
Port 0
Each individual GPIO pin of the TUSB3210 port 0 can be configured as either an input or an output (see
the schematic in Chapter 6).
GPIO pins 3 to 7 are configured to have internal pullups turned on so no special external pullups are
needed unless stronger I/O drives are necessary.
GPIO pins 0, 1, and 2 are configured to be open-drain I/O ports. Use the software-configurable pullups to
support I/O functions.
When pin 0 or pin 1 is used as a GPIO, the I2C does not function properly anymore. Only after a power-on
reset can the I2C function be used again without using pins 0 and 1 as GPIOs. Therefore, it is
recommended that no more than six GPIO pins are used, reserve pins 0 and 1 exclusively for I2C
applications.
USB PACKET
COMMAND
BYTE 0
USB PACKET USB PACKET
USB PACKET USB PACKET USB PACKET
USB PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6–63
CODE
EEPROM
A = Starting
B = Starting
C (# of bytes
Data to be programmed into EEPROM (up to
0x18
Program
address MSB
address LSB
to program)
32 bytes)
USB PACKET
COMMAND
BYTE 0
USB PACKET USB PACKET
USB PACKET USB PACKET USB PACKET
USB PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6–63
CODE
Response from
Success: 0
EPROM
0x98
Fail: 1
Program
This command is used for programming a firmware image to the EEPROM (U1 on schematic) of the EVM.
It is recommended that the whole firmware image be split into multiple blocks of 32 bytes and call this
command repeatedly until the programming is completed.
SLLU093 – August 2006
Firmware Programming and Communications Protocol
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com